Electronic Components Datasheet Search
  English  ▼

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 23 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 19Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 20Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 21Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 22Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 23Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 24Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 25Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 26Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
Data
SFD
Preamble
0000
T2.17.3
T2.17.2
T2.17.1
1
0
1
0
1
0
1
0
1
0
1
1
TPRD±
CRS
RX-DV
RXD[3:0]
1st SFD bit decoded
TX_CLK
TX_EN
0
0
1
1
T2.16.1
T2.16.2
PMD Output
Pair
PMD Output
Pair
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
4.20 AC Specifications — 10BASE-T Transmit Timing (End of Packet)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.16.1
End of Packet High Time
250
300
ns
(with '0' ending bit)
T2.16.2
End of Packet High Time
250
300
ns
(with '1' ending bit)
4.21 AC Specifications — 10BASE-T Receive Timing (Start of Packet)
(1) (2)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.17.1
Carrier Sense Turn On Delay (PMD
630
1000
ns
Input Pair to CRS)
T2.17.2
RX_DV Latency
10
bits
T2.17.3
Receive Data Latency
Measurement shown from SFD
8
bits
(1)
10BASE-T RX_DV Latency is measured from first bit of preamble on the wire to the assertion of RX_DV
(2)
1 bit time = 100 ns in 10 Mb/s mode.
Copyright © 2009–2013, Texas Instruments Incorporated
Electrical Specifications
23
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com