Electronic Components Datasheet Search
  English  ▼

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 42 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 42 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 38Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 39Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 40Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 41Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 42Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 43Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 44Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 45Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
Channel A
Channel B
MII
Port
A
MII
Port
B
TX
RX
TX
RX
10BASE-T
10BASE-TX
or
100BASE-FX
10BASE-T
10BASE-TX
or
100BASE-FX
TX
RX
TX
RX
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Table 6-2. Supported SCMII Packet Sizes at +/-50ppm Frequency Accuracy
Latency Tolerance
Recommended Packet Size at +/- 50ppm
Start Threshold RBR[1:0]
100Mb
10Mb
100Mb
10Mb
01 (default)
4 bits
8 bits
4,000 bytes
9,600 bytes
10
4 bits
8 bits
4,000 bytes
9,600 bytes
11
12 bits
8 bits
9,600 bytes
9,600 bytes
00
12 bits
8 bits
9,600 bytes
9,600 bytes
6.5
FLEXIBLE MII PORT ASSIGNMENT
The DP83849IF supports a flexible assignment scheme for each of the channels to the MII/RMII interface.
Either of the MII ports may be assigned to the internal channels A/B. These values are controlled by the
RMII and Bypass Register (RBR), address 17h. Transmit assignments and Receive assignments can be
made separately to allow even more flexibility (i.e. both channels could transmit from MII A while still
allowing separate receive paths for the channels).
In addition, the opposite receive channel may be used as the transmit source for each channel. As shown
in Figure 6-1, Channel A receive data may be used as the Channel B transmit data source while Channel
B receive data may be used as the Channel A transmit data source. For proper clock synchronization, this
function requires the device be in RMII mode or Single Clock MII mode of operation. A configuration strap
is provided on pin 56, RXD2_B/EXTENDER_EN to enable this mode.
Figure 6-1. MII Port Mapping
6.5.1
RX MII Port Mapping
Note that Channel A is the master of MII Port A, and Channel B is the master of MII Port B. This means
that in order for Channel B to control MII Port A, Channel A must be configured to either control MII Port B
or be Disabled; the reverse is also true.
RX MII Port Mapping controls and configurations are shown in the following tables:
42
MAC Interface
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com