Electronic Components Datasheet Search
  English  ▼

X  

DP83849IFVS/NOPB.A Datasheet(PDF) 30 Page - Texas Instruments

Part # DP83849IFVS/NOPB.A
Description  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Datasheet(HTML) 30 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 26Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 27Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 28Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 29Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 30Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 31Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 32Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 33Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
T2.31.1
T2.31.1
T2.31.2
X1
CLK2MAC
NORMAL
ISOLATE
T2.30.1
MODE
Clear Bit 10 of BMCR
(return to normal operation
from isolate mode)
DP83849IF
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
www.ti.com
4.34 AC Specifications — Isolation Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.30.1
From software clear of bit 10 in the BMCR register to the
100
µs
transition from Isolate to Normal Mode
4.35 AC Specifications — CLK2MAC Timing
(1)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.31.1
CLK2MAC High/Low Time
MII mode
20
ns
RMII mode
10
ns
T2.31.2
CLK2MAC propagation delay
Relative to X1
8
ns
(1)
CLK2MAC characteristics are dependent upon the X1 input characteristics.
4.36 AC Specifications — 100 Mb/s X1 TO TX_CLK Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.32.1
X1 to TX_CLK delay(1)
100 Mb/s Normal mode
0
5
ns
(1)
X1 to TX_CLK timing is provided to support devices that use X1 instead of TX_CLK as the reference for transmit Mll data.
30
Electrical Specifications
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com