Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2522 Datasheet(PDF) 7 Page - Texas Instruments

Part # HD3SS2522
Description  HD3SS2522 USB Type-C SS MUX with DFP Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2522 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS2522 Datasheet HTML 3Page - Texas Instruments HD3SS2522 Datasheet HTML 4Page - Texas Instruments HD3SS2522 Datasheet HTML 5Page - Texas Instruments HD3SS2522 Datasheet HTML 6Page - Texas Instruments HD3SS2522 Datasheet HTML 7Page - Texas Instruments HD3SS2522 Datasheet HTML 8Page - Texas Instruments HD3SS2522 Datasheet HTML 9Page - Texas Instruments HD3SS2522 Datasheet HTML 10Page - Texas Instruments HD3SS2522 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VOUT
tON
90%
50%
10%
tOFF
HS_SEL_IN/SS_SEL_IN90%
HD3SS2522
www.ti.com
SLLSEM6B – APRIL 2015 – REVISED AUGUST 2015
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
AxP/N, BxP/N, CxP/N HIGH-BANDWIDTH SIGNAL PATH
tPD
Switch Propagation Delay
RSC and RL = 50 Ω
85
ps
tON
SS_SEL_IN -to-Switch tON
70
250
ns
RSC and RL = 50 Ω
tOFF
SS_SEL_IN -to-Switch tOFF
70
250
ns
Figure 1. Select to Switch tON and tOFF
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: HD3SS2522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com