Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2522 Datasheet(PDF) 13 Page - Texas Instruments

Part # HD3SS2522
Description  HD3SS2522 USB Type-C SS MUX with DFP Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2522 Datasheet(HTML) 13 Page - Texas Instruments

Back Button HD3SS2522 Datasheet HTML 9Page - Texas Instruments HD3SS2522 Datasheet HTML 10Page - Texas Instruments HD3SS2522 Datasheet HTML 11Page - Texas Instruments HD3SS2522 Datasheet HTML 12Page - Texas Instruments HD3SS2522 Datasheet HTML 13Page - Texas Instruments HD3SS2522 Datasheet HTML 14Page - Texas Instruments HD3SS2522 Datasheet HTML 15Page - Texas Instruments HD3SS2522 Datasheet HTML 16Page - Texas Instruments HD3SS2522 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HD3SS2522
www.ti.com
SLLSEM6B – APRIL 2015 – REVISED AUGUST 2015
USB Type-C DFP Typical Application (continued)
8.2.1 Design Requirements
For this design example, use the parameters shown in Table 1.
Table 1. Design Parameters
PARAMETER
VALUE
VCC
3.3 V
AxP/N, BxP/N, CxP/N VCM Voltage
0 V – 2 V
CC_IN, CC_OUT, CC1, CC2
0 V –3.3 V
Control Pin Vmax for Low
0.8 V
Control Pin Vmax for High
2 V
8.2.2 Detailed Design Procedure
8.2.2.1 USB Type-C Current Advertising
HD3SS2522 can be used to advertise USB Type-C current in conjunction with pull up resistors to CC1 and CC2
pins. These pull up resistors must meet the Type C spec requirements. The IMODE1 and IMODE2 setting must
match the CC resistor configuration for the current mode: default, mid or high.
8.2.2.2 VCONN and VBUS Power Switch Control
VCTRL1# and VCTRL2# are outputs from the HD3SS2522 CC controller to enable or disable the VCONN switch
based upon the orientation detection, audio accessory termination Ra detection, and/or fault condition.
VBUS_EN is an output from the HD3SS2522 CC controller to enable VBUS switch. Upon detection of UFP
attachment, the VBUS_EN is asserted to enable VBUS switch.
8.2.2.3 Firmware Upgradability
If necessary, the CC controller firmware (FW) can be updated via GPIO1, GPIO2 and SYS_COM_REQ. Contact
Texas Instruments for further assistance with upgrading the FW.
8.2.3 USB Type-C DFP Circuit Schematics with a Type C Receptacle
The schematics below depicts the circuit level implementation of the Type C system with HD3SS2522 and a DFP
only Type C connector. The system should select a power switch that complies with the Type C specification and
application requirements. The power switch can be controlled by the HD3SS2522. See the Detailed Design
Procedure section of the datasheet for design details.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: HD3SS2522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com