Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2522 Datasheet(PDF) 1 Page - Texas Instruments

Part # HD3SS2522
Description  HD3SS2522 USB Type-C SS MUX with DFP Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2522 Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS2522 Datasheet HTML 1Page - Texas Instruments HD3SS2522 Datasheet HTML 2Page - Texas Instruments HD3SS2522 Datasheet HTML 3Page - Texas Instruments HD3SS2522 Datasheet HTML 4Page - Texas Instruments HD3SS2522 Datasheet HTML 5Page - Texas Instruments HD3SS2522 Datasheet HTML 6Page - Texas Instruments HD3SS2522 Datasheet HTML 7Page - Texas Instruments HD3SS2522 Datasheet HTML 8Page - Texas Instruments HD3SS2522 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CRX1
CTX1
CRX2
CTX2
DFP
CC Controller
HD3SS2522
VCC
5V
CC1
CC2
USB SS Signals
VBUS_EN
USB SS MUX
VBUS
USB
Host
USB 2.0 Signals
VCTL2
VCTL1
VCONN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
HD3SS2522
SLLSEM6B – APRIL 2015 – REVISED AUGUST 2015
HD3SS2522 USB Type-C SS MUX with DFP Controller
1 Features
3 Description
HD3SS2522 is a 2:1 USB mux with Configuration
1
•
Compliant to USB Type-C Specification 1.1
Channel (CC) logic with Downstream Facing Port
•
Mode Configuration
(DFP) support. The HD3SS2522 presents itself as a
–
Host Only – DFP
DFP according to the USB Type-C Spec. The CC
logic block monitors the CC1 and CC2 pins voltages
•
Channel Configuration (CC)
to determine when a USB port has been attached.
–
Attach of USB Port Detection
Once a USB port has been attached, the CC logic
–
Cable Orientation Detection
also determines the orientation of the cable and
configures the USB SS mux accordingly.
–
Type-C Current Mode (Default, Mid, High)
•
Supply Voltage 3.3 V ± 10%
The HD3SS2522 provides an VBUS_EN signal to
control legacy power switch to provide 5 V to VBUS.
•
2:1 Mux Solution for USB 3.1 Signaling
The device also provides control signals needed to
•
Operates up to 10 Gbps with Wide -3 dB BW of 8
support
5
V
VCONN
sourcing
for
ecosystems
GHz
implementing USB Type-C.
•
Excellent Dynamic Characteristics at 2.5 GHz
Excellent dynamic characteristics of the device allow
–
Crosstalk = –39 dB
high speed switching with minimum attenuation to the
–
Off Isolation = –22 dB
signal eye diagram and little added jitter. The device
also has low current consumption in Standby mode.
–
Insertion Loss = –1.2 dB
–
Input Return Loss = –12 dB
Device Information(1)
•
Low Active (2 mW) and Standby Power (50
μW)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Consumption
HD3SS2522
WQFN (56)
11.00 mm x 5.00 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
•
Desktop and Notebook PCs
•
USB Type-C DFP Applications
•
Motherboards
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HD3SS2522

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS2522 TI1-HD3SS2522 Datasheet
1Mb / 25P
USB Type-C SS MUX
HD3SS2522RHU TI1-HD3SS2522RHU Datasheet
1Mb / 25P
USB Type-C SS MUX
HD3SS2522RHUR TI1-HD3SS2522RHUR Datasheet
1Mb / 25P
USB Type-C SS MUX
More results

Similar Description - HD3SS2522

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
HD3SS2522 TI1-HD3SS2522 Datasheet
1Mb / 25P
USB Type-C SS MUX
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
logo
Shenzhen Huazhimei Semi...
HM1501 HMSEMI-HM1501 Datasheet
494Kb / 7P
USB Type-C DFP Controller IC Without/with Internal PMOS
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com