Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA217
Description  INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA217 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA217 Datasheet HTML 5Page - Texas Instruments INA217 Datasheet HTML 6Page - Texas Instruments INA217 Datasheet HTML 7Page - Texas Instruments INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments INA217 Datasheet HTML 10Page - Texas Instruments INA217 Datasheet HTML 11Page - Texas Instruments INA217 Datasheet HTML 12Page - Texas Instruments INA217 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
2.5µs/div
2.5µs/div
2.5µs/div
10µs/div
V+
(V+) – 2
(V+) – 4
(V+) – 6
(V–) + 6
(V–) + 4
(V–) + 2
V–
0
10
20
30
40
50
60
Output Current (mA)
Gain
1
10
100
1000
10
8
6
4
2
0
20V Step
0.01%
0.1%
INA217
www.ti.com
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 2 kΩ, unless otherwise noted.
Figure 8. Settling Time vs Gain
Figure 7. Output Voltage Swing vs Output Current
G = 1
G = 100
Figure 9. Small-Signal Transient Response
Figure 10. Small-Signal Transient Response
G = 1
G = 100
Figure 11. Large-Signal Transient Response
Figure 12. Large-Signal Transient Response
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com