Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA217
Description  INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA217 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA217 Datasheet HTML 7Page - Texas Instruments INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments INA217 Datasheet HTML 10Page - Texas Instruments INA217 Datasheet HTML 11Page - Texas Instruments INA217 Datasheet HTML 12Page - Texas Instruments INA217 Datasheet HTML 13Page - Texas Instruments INA217 Datasheet HTML 14Page - Texas Instruments INA217 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
G
10 000
G
1
R
= +
A1
A2
A3
6kΩ
6kΩ
6
5
4
7
2
1
8
3
6kΩ
6kΩ
V
IN–
V
IN+
R
G
V+
V–
V+
V–
INA217
G = 1 +
10000
R
G
5kΩ
5kΩ
V
OUT
V
O
Sometimes Shown in
Simplified Form:
NOTE: (1) NC = No Connection.
REF
0.1µF
0.1µF
R
G
INA217
GAIN
R
G
(V/V)
(dB)
(Ω)
1
0
NC
(1)
2
6
10000
5
14
2500
10
20
1111
20
26
526
50
34
204
100
40
101
200
46
50
500
54
20
1000
60
10
2000
66
5
V
IN–
V
IN+
INA217
www.ti.com
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
Feature Description (continued)
Figure 13. Basic Circuit Connections
7.3.2 Gain-Set Resistor
Gain is set with an external resistor, RG, as shown in Figure 13. The two internal 5-kΩ feedback resistors are
laser-trimmed to 5-k
Ω within approximately ±0.2%. Equation 1 shows the gain equation for the INA217.
(1)
The temperature coefficient of the internal 5-k
Ω resistors is approximately ±25 ppm/°C. Accuracy and TCR of the
external RG will also contribute to gain error and temperature drift. These effects can be inferred from the gain
equation. Make a short, direct connection to the gain set resistor, RG. Avoid running output signals near these
sensitive input nodes.
7.3.3 Noise Performance
The INA217 provides very low noise with low-source impedance. Its 1.3-nV/M
√Hz voltage noise delivers near-
theoretical noise performance with a source impedance of 200
Ω. The input stage design used to achieve this
low noise results in relatively high input bias current and input bias current noise. As a result, the INA217 may
not provide the best noise performance with a source impedance greater than 10 k
Ω. For source impedance
greater than 10 k
Ω, other instrumentation amplifiers may provide improved noise performance.
7.3.4 Input Considerations
Very low source impedance (less than 10
Ω) can cause the INA217 to oscillate. This depends on circuit layout,
signal source, and input cable characteristics. An input network consisting of a small inductor and resistor, as
shown in Figure 14, can greatly reduce any tendency to oscillate. This is especially useful if a variety of input
sources are to be connected to the INA217. Although not shown in other figures, this network can be used as
needed with all applications shown.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com