Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA217
Description  INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA217 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA217 Datasheet HTML 6Page - Texas Instruments INA217 Datasheet HTML 7Page - Texas Instruments INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments INA217 Datasheet HTML 10Page - Texas Instruments INA217 Datasheet HTML 11Page - Texas Instruments INA217 Datasheet HTML 12Page - Texas Instruments INA217 Datasheet HTML 13Page - Texas Instruments INA217 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
A1
A2
A3
6kΩ
6kΩ
6
4
5
2
1
8
3
6kΩ
6kΩ
V
IN
–
RG
1
V
IN
+
RG
2
7
V–
V+
REF
INA217
G = 1 +
10kΩ
R
G
5kΩ
5kΩ
V
OUT
INA217
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The INA217 is a classical three-amp instrumentation amplifier designed for audio applications. Featuring low
noise and low distortion the INA217 is ideally suited for amplifying low level audio signals. With a wide supply
voltage, wide output voltage swing, and high output current drive the INA217 is also ideally suited for processing
high level audio signals. Specified from –40°C to 85°C the INA217 is well suited for industrial applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Basic Connections
Figure 13 shows the basic connections required for operation. Power supplies should be bypassed with 0.1-
μF
tantalum capacitors near the device pins. The output Reference (pin 5) should be a low-impedance connection.
Resistance of a few
Ωs in series with this connection will degrade the common-mode rejection of the INA217.
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: INA217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com