Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM82
Description  LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM82 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM82 Datasheet HTML 12Page - Texas Instruments LM82 Datasheet HTML 13Page - Texas Instruments LM82 Datasheet HTML 14Page - Texas Instruments LM82 Datasheet HTML 15Page - Texas Instruments LM82 Datasheet HTML 16Page - Texas Instruments LM82 Datasheet HTML 17Page - Texas Instruments LM82 Datasheet HTML 18Page - Texas Instruments LM82 Datasheet HTML 19Page - Texas Instruments LM82 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LM82
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
D4: T_CRIT mask for Remote temperature, when set to 1 a remote temperature reading that exceeds T_CRIT
setpoint will not activate the T_CRIT_A pin.
D3: T_CRIT mask, this bit must be set to a 1 before the T_CRIT setpoint is lowered below 127 in order for
T_CRIT_A pin to function properly.
D2: T_CRIT mask for Local reading, when set to 1 a Local temperature reading that exceeds T_CRIT setpoint
will not activate the T_CRIT_A pin.
D1: INT active state inversion. When INT Inversion is set to a 1 the active state of the INT output will be a logical
high. A low would then select an active state of a logical low.
D6 and D0: These bits are always set to 0 and reserved for future use. A write of 1 will return a 0 when read.
LOCAL AND REMOTE HIGH SETPOINT REGISTERS (LHS, RHS)
Table 4. LOCAL AND REMOTE HIGH SETPOINT REGISTERS (LHS, RHS) (Read Address 05h, 07h/Write
Address 0Bh, 0Dh):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: HIGH setpoint temperature data. Power up default is LHIGH = RHIGH=127°C.
T_CRIT REGISTER (TCS)
Table 5. T_CRIT REGISTER (TCS) (Read Address 42h/Write Address 5Ah):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: T_CRIT setpoint temperature data. Power up default is T_CRIT = 127°C.
16
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com