Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM82
Description  LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM82 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM82 Datasheet HTML 9Page - Texas Instruments LM82 Datasheet HTML 10Page - Texas Instruments LM82 Datasheet HTML 11Page - Texas Instruments LM82 Datasheet HTML 12Page - Texas Instruments LM82 Datasheet HTML 13Page - Texas Instruments LM82 Datasheet HTML 14Page - Texas Instruments LM82 Datasheet HTML 15Page - Texas Instruments LM82 Datasheet HTML 16Page - Texas Instruments LM82 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM82
www.ti.com
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
COMMUNICATING with the LM82
There are 13 data registers in the LM82, selected by the Command Register. At power-up the Command
Register is set to “00”, the location for the Read Local Temperature Register. The Command Register latches the
last location it was set to. Reading the Status Register resets T_CRIT_A and INT, so long as a temperature
comparison does not signal a fault (see INT OUTPUT and T_HIGH LIMITS and T_CRIT_A OUTPUT and
T_CRIT LIMIT). All other registers are predefined as read only or write only. Read and write registers with the
same function contain mirrored data.
A Write to the LM82 will always include the address byte and the command byte. A write to any register requires
one data byte.
Reading the LM82 can take place either of two ways:
1. If the location latched in the Command Register is correct (most of the time it is expected that the Command
Register will point to one of the Read Temperature Registers because that will be the data most frequently
read from the LM82), then the read can simply consist of an address byte, followed by retrieving the data
byte.
2. If the Command Register needs to be set, then an address byte, command byte, repeat start, and another
address byte will accomplish a read.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com