Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM82
Description  LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM82 Datasheet(HTML) 2 Page - Texas Instruments

  LM82 Datasheet HTML 1Page - Texas Instruments LM82 Datasheet HTML 2Page - Texas Instruments LM82 Datasheet HTML 3Page - Texas Instruments LM82 Datasheet HTML 4Page - Texas Instruments LM82 Datasheet HTML 5Page - Texas Instruments LM82 Datasheet HTML 6Page - Texas Instruments LM82 Datasheet HTML 7Page - Texas Instruments LM82 Datasheet HTML 8Page - Texas Instruments LM82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Temp
Sensor
Circuitry
D+
D-
Control
Logic
Temperature
Registers
T_CRIT
Limit
Register
HIGH
Limit
Registers
Configuration and
Status Registers
Mfr ID
Register
Two-Wire Serial Interface
ADD0
ADD1
SMBData
SMBCLK
8-bit '6 A/D
Converter
T_CRIT_A
INT
3.0V-3.6V
LM82
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagram
Figure 1. SSOP-TOP VIEW
See DBQ Package
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com