Electronic Components Datasheet Search
  English  ▼

X  

LM89 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM89
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89 Datasheet(HTML) 5 Page - Texas Instruments

  LM89 Datasheet HTML 1Page - Texas Instruments LM89 Datasheet HTML 2Page - Texas Instruments LM89 Datasheet HTML 3Page - Texas Instruments LM89 Datasheet HTML 4Page - Texas Instruments LM89 Datasheet HTML 5Page - Texas Instruments LM89 Datasheet HTML 6Page - Texas Instruments LM89 Datasheet HTML 7Page - Texas Instruments LM89 Datasheet HTML 8Page - Texas Instruments LM89 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LM89
www.ti.com
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
-2000
2000
pins(1)
Charged device model (CDM), per JEDEC specification
-1000
1000
V(ESD)
Electrostatic discharge
V
JESD22-C101, all pins; Applies only to LM89-1DiMM(2)
Machine model ESD stress voltage, per JEDEC specification
-200
200
JESD22-A115.(3)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
The machine model is a 200pF capacitor discharged directly into each pin.
8.3 Recommended Operating Conditions
MIN
MAX
UNIT
Operating Temperature Range
0
125
°C
Electrical Characteristics Temperature Range
TMIN ≤ TA ≤ TMAX
LM89
0°C
≤ TA ≤ +85°C
Supply Voltage Range (VDD)
3.0
3.6
V
8.4 Thermal Information
LM89
LM89
THERMAL METRIC(1)
VSSOP
SOIC
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
158
116
RθJC(top)
Junction-to-case (top) thermal resistance
52
63
RθJB
Junction-to-board thermal resistance
78
57
°C/W
ψJT
Junction-to-top characterization parameter
5
11
ψJB
Junction-to-board characterization parameter
77
57
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5 Temperature-To-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD= +3.0Vdc to 3.6Vdc. Unless otherwise noted, MIN and MAX limits
apply for TA = TJ = TMIN to TMAX and typical limits TA= TJ= +25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Temperature Error Using Local Diode
TA = +25°C to +125°C,
(3)
-3
±1
3
°C
Temperature Error Using Remote Diode of 0.13
TA = +30°C
TDiode = +80°C
-0.75
0.75
°C
micron Pentium 4 or other devices with typical
TA = +30°C
TDiode = +60°C to
-1
1
°C
nonideality of 1.0021 and series R= 3.64
Ω.
to +50°C
+100°C
TA = +0°C to
TDiode = +25°C to
-3
3
°C
+85°C
+125°C
Remote Diode Measurement Resolution
11
Bits
0.125
°C
Local Diode Measurement Resolution
8
Bits
1
°C
(1)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(2)
Typical values are at TA = 25°C and represent most likely parametric norm.
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM89 and the thermal resistance. See Thermal Information for the thermal resistance to be used in the
self-heating calculation.
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com