Electronic Components Datasheet Search
  English  ▼

X  

LM89 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM89
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89 Datasheet(HTML) 1 Page - Texas Instruments

  LM89 Datasheet HTML 1Page - Texas Instruments LM89 Datasheet HTML 2Page - Texas Instruments LM89 Datasheet HTML 3Page - Texas Instruments LM89 Datasheet HTML 4Page - Texas Instruments LM89 Datasheet HTML 5Page - Texas Instruments LM89 Datasheet HTML 6Page - Texas Instruments LM89 Datasheet HTML 7Page - Texas Instruments LM89 Datasheet HTML 8Page - Texas Instruments LM89 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Main Power Supply
LM89
SMBus
Master
MCU/
GPU/
ASIC/
FPGA
2.2nF*
Core Voltage
D+
D-
SMBData
SMBCLK
Shutdown Control
3.3V derived
from Aux.
Supply
*Note: 2.2nF capacitor must be placed as close as possible to D+ and D- pins of the LM89.
T_CRIT_A
ALERT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM89
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor
With Two-Wire Interface
1 Features
3 Description
The LM89 is an 11-bit digital temperature sensor with
1
•
Accurately Senses Die Temperature of Remote
a 2-wire System Management Bus (SMBus) serial
ICs or Diode Junctions
interface. The LM89 accurately measures its own
•
Offset Register Allows Accurate Sensing of a
temperature as well as the temperature of an external
Variety of Thermal Diodes
device, such as processor thermal diode or diode-
connected transistor such as the 2N3904. The
•
On-Board Local Temperature Sensing
temperature of any ASIC, GPU, FPGA or MCU can
•
10-Bit Plus Sign Remote Diode Temperature Data
be accurately determined using the LM89 as long as
Format, 0.125°C Resolution
a
dedicated
diode
(semiconductor
junction)
is
•
T_CRIT_A Output Useful for System Shutdown
available on the target die. The LM89 has an Offset
•
ALERT Output Supports SMBus 2.0 Protocol
register to allow calibration for different nonideality
factors without requiring software management.
•
SMBus 2.0 Compatible Interface, Supports
TIMEOUT
Activation
of
the
ALERT
occurs
when
any
temperature goes outside a preprogrammed window
•
8-Pin VSSOP and SOIC Packages
set by the HIGH and LOW limit registers or exceeds
•
Key Specifications:
the T_CRIT limit. Activation of the T_CRIT_A occurs
–
Supply Voltage: 3.0 V to 3.6 V
when
any
temperature
exceeds
the
T_CRIT
programmed limit.
–
Local Temp Accuracy (includes quantization
error)
The LM89 is pin and register compatible with the
–
TA = 25°C to 125°C ±3.0 °C (max)
LM86, LM90, LM99, On Semiconductor ADM1032
and Maxim MAX6657/8.
–
Remote Diode Temp Accuracy (includes
quantization error)
The LM89C and the LM89-1C have the same
functions but different SMBus slave addresses,
–
TA = 30°C, TD = 80°C ±0.75 °C (max)
allowing multiple LM89's on a bus. LM89-1D's default
local T_CRIT temperature limit is 105°C; all other
2 Applications
versions are 85°C. (See Device Comparison Table.)
•
Processor/Computer System Thermal
Management
Device Information(1)
(For Example, Laptop, Desktop, Workstations,
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Server)
LM89-1D
VSSOP (8)
3.0 mm x 3.0 mm
•
Electronic Test Equipment
LM89C
SOIC (8)
4.9 mm x 3.9 mm
•
Office Electronics
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Remote Diode Temperature Sensor System Diagram
T_CRIT_A Temperature Response Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains ADVANCE
INFORMATION for pre-production products; subject to change without notice.


Similar Part No. - LM89

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
logo
National Semiconductor ...
LM89-1CIM NSC-LM89-1CIM Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89-1CIMM NSC-LM89-1CIMM Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM89-1CIMM/NOPB TI-LM89-1CIMM/NOPB Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
More results

Similar Description - LM89

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com