Electronic Components Datasheet Search
  English  ▼

X  

LM89CIM Datasheet(PDF) 24 Page - Texas Instruments

Part # LM89CIM
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89CIM Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM89CIM Datasheet HTML 20Page - Texas Instruments LM89CIM Datasheet HTML 21Page - Texas Instruments LM89CIM Datasheet HTML 22Page - Texas Instruments LM89CIM Datasheet HTML 23Page - Texas Instruments LM89CIM Datasheet HTML 24Page - Texas Instruments LM89CIM Datasheet HTML 25Page - Texas Instruments LM89CIM Datasheet HTML 26Page - Texas Instruments LM89CIM Datasheet HTML 27Page - Texas Instruments LM89CIM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Main Power Supply
LM89
SMBus
Master
MCU/
GPU/
ASIC/
FPGA
2.2nF*
Core Voltage
D+
D-
SMBData
SMBCLK
Shutdown Control
3.3V derived
from Aux.
Supply
*Note: 2.2nF capacitor must be placed as close as possible to D+ and D- pins of the LM89.
T_CRIT_A
ALERT
LM89
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
www.ti.com
10 Application and Implementation
10.1 Application Information
The LM89 can be applied easily in the same way as other integrated-circuit temperature sensors, and its remote
diode sensing capability allows it to be used in new ways as well. It can be soldered to a printed circuit board,
and because the path of best thermal conductivity is between the die and the pins, its temperature will effectively
be that of the printed circuit board lands and traces soldered to the LM89's pins. This presumes that the ambient
air temperature is almost the same as the surface temperature of the printed circuit board; if the air temperature
is much higher or lower than the surface temperature, the actual temperature of the LM89 die will be at an
intermediate temperature between the surface and air temperatures. Again, the primary thermal conduction path
is through the leads, so the circuit board temperature will contribute to the die temperature much more strongly
than will the air temperature.
To measure temperature external to the LM89's die, use a remote diode. This diode can be located on the die of
a target IC, allowing measurement of the IC's temperature, independent of the LM89's temperature.
10.2 Typical Application
The LM89 has been optimized to measure the remote thermal diode of a 0.13 micron Pentium 4, a Mobile
Pentium 4 Processor-M processor or other embedded thermal diodes that have similar characteristics. A discrete
diode can also be used to sense the temperature of external objects or ambient air. Remember that a discrete
diode's temperature will be affected, and often dominated, by the temperature of its leads. Most silicon diodes do
not lend themselves well to this application. It is recommended that a MMBT3904 transistor base emitter junction
be used with the collector tied to the base (diode-connected).
An LM89 with a diode-connected MMBT3904 will have a typical -1°C offset.
T2N3904 = TLM89 +1°C
10.2.1 Design Requirements
10.2.1.1 Diode Nonideality
10.2.1.1.1
Diode Nonideality Factor Effect On Accuracy
When a transistor is connected as a diode, the following relationship holds for variables VBE, T and If:
24
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com