Electronic Components Datasheet Search
  English  ▼

X  

LM89CIM Datasheet(PDF) 11 Page - Texas Instruments

Part # LM89CIM
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89CIM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM89CIM Datasheet HTML 7Page - Texas Instruments LM89CIM Datasheet HTML 8Page - Texas Instruments LM89CIM Datasheet HTML 9Page - Texas Instruments LM89CIM Datasheet HTML 10Page - Texas Instruments LM89CIM Datasheet HTML 11Page - Texas Instruments LM89CIM Datasheet HTML 12Page - Texas Instruments LM89CIM Datasheet HTML 13Page - Texas Instruments LM89CIM Datasheet HTML 14Page - Texas Instruments LM89CIM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Remote High Limit
RDTS Measurement
TIME
LM89 ALERT pin
Status Register: RTDS High
End of Temperature
conversion
ALERT mask set in
response to reading of
status register by
master
Remote High Limit
RDTS Measurement
LM89 ALERT Pin
Status Register: RTDS High
TIME
LM89
www.ti.com
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
Feature Description (continued)
Figure 5. ALERT Comparator Temperature Response Diagram
9.3.2.2
ALERT Output As An Interrupt
The LM89's ALERT output can be implemented as a simple interrupt signal when it is used to trigger an interrupt
service routine. In such systems it is undesirable for the interrupt flag to repeatedly trigger during or before the
interrupt service routine has been completed. Under this method of operation, during a read of the STATUS
REGISTER the LM89 will set the ALERT mask bit (D7 of the Configuration register) if any bit in the STATUS
REGISTER is set, with the exception of Busy (D7) and OPEN (D2). This prevents further ALERT triggering until
the master has reset the ALERT mask bit, at the end of the interrupt service routine. The STATUS REGISTER
bits are cleared only upon a read command from the master (see Figure 6) and will be re-asserted at the end of
the next conversion if the triggering condition(s) persist(s). In order for the ALERT to be used as a dedicated
interrupt signal, bit D0 (the ALERT configure bit) in the FILTER and ALERT CONFIGURE REGISTER (BFh)
must be set low. This is the power-on-default state.
The following sequence describes the response of a system that uses the ALERT output pin as a interrupt flag:
1. Master Senses ALERT low
2. Master reads the LM89 STATUS REGISTER to determine what caused the ALERT
3. LM89 clears STATUS REGISTER, resets the ALERT HIGH and sets the ALERT mask bit (D7 in the
Configuration register).
4. Master attends to conditions that caused the ALERT to be triggered. The fan is started, setpoint limits are
adjusted, etc.
5. Master resets the ALERT mask (D7 in the Configuration register).
Figure 6. ALERT Output As An Interrupt Temperature Response Diagram
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com