Electronic Components Datasheet Search
  English  ▼

X  

LM89CIM Datasheet(PDF) 4 Page - Texas Instruments

Part # LM89CIM
Description  LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM89CIM Datasheet(HTML) 4 Page - Texas Instruments

  LM89CIM Datasheet HTML 1Page - Texas Instruments LM89CIM Datasheet HTML 2Page - Texas Instruments LM89CIM Datasheet HTML 3Page - Texas Instruments LM89CIM Datasheet HTML 4Page - Texas Instruments LM89CIM Datasheet HTML 5Page - Texas Instruments LM89CIM Datasheet HTML 6Page - Texas Instruments LM89CIM Datasheet HTML 7Page - Texas Instruments LM89CIM Datasheet HTML 8Page - Texas Instruments LM89CIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
SNP
V+
GND
D1
D2
D3
D5
D4
R1
ESD
Clamp
D6
D7
I/O
LM89
SNIS128D – AUGUST 2002 – REVISED JUNE 2014
www.ti.com
Table 1. ESD Protection(1) (continued)
Pin Name
PIN
D1
D2
D3
D4
D5
D6
D7
R1
SNP
ESD
NO.
CLAMP
ALERT
6
x
x
x
SMBData
7
x
x
x
SMBCLK
8
x
Figure 1. ESD Protection Input Structure
8 Specifications
8.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Supply Voltage
−0.3
6.0
V
Voltage at SMBData, SMBCLK, ALERT, T_CRIT_A
−0.5
6.0
V
Voltage at Other Pins
−0.3
(VDD + 0.3 V)
V
D
− Input Current
-1
+1
mA
Input Current at All Other Pins(3)
-5
+5
mA
Package Input Current(3)
30
mA
SMBData, ALERT, T_CRIT_A Output Sink Current
10
mA
Junction Temperature
150
°C
Soldering Information, Lead Temperature
Vapor Phase (60
SOIC or VSSOP Packages(4)
seconds)
215
°C
Infrared (15 seconds)
220
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5
mA. Parasitic components and or ESD protection circuitry are shown in Table 1 and Figure 1 for the LM89's pins. The nominal
breakdown voltage of D3 is 6.5 V. Care should be taken not to forward bias the parasitic diode, D1, present on pins: D+, D
−. Forward
biasing the parasitic diode by more than 50 mV may corrupt a temperature measurements.
(4)
Visit www.ti.com/packaging for other recommendations and methods of soldering surface mount devices.
4
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com