Electronic Components Datasheet Search
  English  ▼

X  

LM8327 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM8327
Description  LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8327 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM8327 Datasheet HTML 17Page - Texas Instruments LM8327 Datasheet HTML 18Page - Texas Instruments LM8327 Datasheet HTML 19Page - Texas Instruments LM8327 Datasheet HTML 20Page - Texas Instruments LM8327 Datasheet HTML 21Page - Texas Instruments LM8327 Datasheet HTML 22Page - Texas Instruments LM8327 Datasheet HTML 23Page - Texas Instruments LM8327 Datasheet HTML 24Page - Texas Instruments LM8327 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
LM8327
www.ti.com
SNLS329A – SEPTEMBER 2011 – REVISED MAY 2013
KBDMSK - Keypad Interrupt Mask Register
Table 25. KBDMSK - Keypad Interrupt Mask Register
Register - Name
Address
Type
Register Function
Configures masking of keyboard interrupts. Masked interrupts do not
trigger an event on the Interrupt output.
In case the interrupt processes registers KBDCODE[3:0], MSKELINT and
KBDMSK
0x09
R/W
MSKEINT should be set to 1. When the Event FIFO is processed,
MSKLINT and MSKSINT should be set. For keyboard polling operations,
all bits should be set and the polling operation consists of reading out the
EVTCODE.
Bit - Name
Bit
Default
Bit Function
(reserved)
7:4
(reserved)
0: keyboard event lost interrupt RELINT triggers IRQ line
MSKELINT
3
0x1
1: keyboard event lost interrupt RELINT is masked
0: keyboard event interrupt REVINT triggers IRQ line
MSKEINT
2
0x1
1: keyboard event interrupt REVINT is masked
0: keyboard lost interrupt RKLINT triggers IRQ line
MSKLINT
1
0x0
1: keyboard lost interrupt RKLINT is masked
0: keyboard status interrupt RSINT triggers IRQ line
MSKSINT
0
0x0
1: keyboard status interrupt RSINT is masked
KBDCODE0 - Keyboard Code Register 0
The key code detected by the keyboard scan can be read from the registers KBDCODE0: KBDCODE3. Up to 4
keys can be detected simultaneously. Each KBDCODE register includes a bit (MULTIKEY) indicating if another
key has been detected.
Please note: Reading out all key code registers (KBDCODE0 to KBDCODE3) will automatically reset the
keyboard scan interrupt RSINT the same way as an active write access into bit KBDIC of the interrupt clear
register does. Reading 0x7F from the KBDCODE0 register means that no key was pressed.
Table 26. KBDCODE0 - Keyboard Code Register 0
Register - Name
Address
Default
Register Function
KBDCODE0
0x0B
R
Holds the row and column information of the first detected key.
Bit - Name
Bit
Default
Bit Function
MULTIKEY
7
0x0
If this bit is 1 another key is available in KBDCODE1 register.
KEYROW[2:0]
6:4
0x7
ROW index of detected key (0 to 7)
KEYCOL[3:0]
3:0
0xF
Column index of detected (0 to 11, 12 for special function key).
KBDCODE1 - Keyboard Code Register 1
Table 27. KBDCODE1 - Keyboard Code Register 1
Register - Name
Address
Default
Register Function
KBDCODE1
0x0C
R
Holds the row and column information of the second detected key.
Bit - Name
Bit
Default
Bit Function
MULTIKEY
7
0x0
If this bit is 1 another key is available in KBDCODE2 register.
KEYROW[2:0]
6:4
0x7
ROW index of detected key (0 to 7)
KEYCOL[3:0]
3:0
0xF
Column index of detected key (0 to 11, 12 for special function key).
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM8327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com