Electronic Components Datasheet Search
  English  ▼

X  

LM8327 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM8327
Description  LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8327 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM8327 Datasheet HTML 36Page - Texas Instruments LM8327 Datasheet HTML 37Page - Texas Instruments LM8327 Datasheet HTML 38Page - Texas Instruments LM8327 Datasheet HTML 39Page - Texas Instruments LM8327 Datasheet HTML 40Page - Texas Instruments LM8327 Datasheet HTML 41Page - Texas Instruments LM8327 Datasheet HTML 42Page - Texas Instruments LM8327 Datasheet HTML 43Page - Texas Instruments LM8327 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
LM8327
SNLS329A – SEPTEMBER 2011 – REVISED MAY 2013
www.ti.com
Table 66. GPIOPDIR0 - GPIO Port Direction Register 0 (continued)
Register - Name
Address
Type
Register Function
Bit - Name
Bit
Default
Bit Function
Direction bits for KPX[7:0]:
KPX[7:0]DIR
7:0
0x00
0: input mode
1: output mode
GPIOPDIR1 - GPIO Port Direction Register 1
Table 67. GPIOPDIR1 - GPIO Port Direction Register 1
Register - Name
Address
Type
Register Function
GPIODIR1
0xC7
R/W
Port direction for KPY[7:0].
Bit - Name
Bit
Default
Bit Function
Direction bits for KPY[7:0]:
KPY[7:0]DIR
7:0
0x00
0: input mode
1: output mode
GPIOPDIR2 - GPIO Port Direction Register 2
Table 68. GPIOPDIR2 - GPIO Port Direction Register 2
Register - Name
Address
Type
Register Function
GPIODIR2
0xC8
R/W
Port direction for KPY[11:8], PWM[2:0], EXTIO.
Bit - Name
Bit
Default
Bit Function
Direction bits for EXTIO:
EXTIODIR
7
0x0
0: input mode
1: output mode
Direction bits for PWM[2:0:]:
PWM[2:0]DIR
6:4
0x0
0: input mode
1: output mode
Direction bits for KPY[11:8]:
KPY[11:8]DIR
3:0
0x00
0: input mode
1: output mode
GPIO INTERRUPT CONTROL
GPIOIS0 - Interrupt Sense Configuration Register 0
Table 69. GPIOIS0 - Interrupt Sense Configuration Register 0
Register - Name
Address
Type
Register Function
GPIOIS0
0xC9
R/W
Interrupt type on KPX[7:0].
Bit - Name
Bit
Default
Bit Function
Interrupt type bits for KPX[7:0]:
KPX[7:0]IS
7:0
0x0
0: edge sensitive interrupt
1: level sensitive interrupt
40
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com