Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 5 Page - Texas Instruments

  LMP8640 Datasheet HTML 1Page - Texas Instruments LMP8640 Datasheet HTML 2Page - Texas Instruments LMP8640 Datasheet HTML 3Page - Texas Instruments LMP8640 Datasheet HTML 4Page - Texas Instruments LMP8640 Datasheet HTML 5Page - Texas Instruments LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LMP8640, LMP8640-Q1, LMP8640HV
www.ti.com
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
7.5 Thermal Information
LMP8640
LMP8640HV
LMP8640-Q1
THERMAL METRIC(1)
UNIT
THIN SOT-23
6 PINS
RθJA
Junction-to-ambient thermal resistance (2)
165
RθJC(top)
Junction-to-case (top) thermal resistance
28
RθJB
Junction-to-board thermal resistance
24.6
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
23.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), θJA, and the ambient temperature,
TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) - TA)/ θJA or the number given in Absolute Maximum Ratings, whichever
is lower.
7.6 Electrical Characteristics 2.7 V
(1)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS= V
+ – V-, V
SENSE= +IN-(-IN), V
+ = 2.7 V, V− = 0 V, −2 V <
VCM < 76 V, RL = 10 MΩ. LMP8640 limits also apply to the LMP8640-Q1.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VCM = 2.1 V
-900
900
VOS
Input Offset Voltage
µV
VCM = 2.1 V, Over Temperature
-1160
1160
TCVOS
Input Offset Voltage Drift(4) (5)
VCM = 2.1 V
2.6
µV/°C
VCM = 2.1 V, VSENSE = 0 V
12
20
IB
Input Bias Current (6)
µA
VCM = 2.1 V, Over Temperature, VSENSE = 0 V
27
eni
Input Voltage Noise (5)
f > 10 kHz
117
nV/
√Hz
Gain LMP8640-T LMP8640HV-T
20
Gain LMP8640-F LMP8640HV-F
50
V/V
Gain LMP8640-H LMP8640HV-H
100
Gain AV
VCM = 2.1 V
-0.25%
0.25%
Gain error
VCM = 2.1 V, Over Temperature
-0.51%
0.51%
Accuracy over temperature(5)
VCM = 2.1V, Over Temperature
26.2
ppm/°C
PSRR
Power Supply Rejection Ratio
VCM = 2.1 V, 2.7 V < V
+ < 12 V,
85
dB
LMP8640HV 2.1 V < VCM < 42 V
103
LMP8640 2.1 V < VCM< 42 V
CMRR
Common Mode Rejection Ratio
dB
LMP8640HV 2.1 V < VCM < 76 V
95
-2 V <VCM < 2 V,
60
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
This parameter is ensured by design and/or characterization and is not tested in production.
(6)
Positive Bias Current corresponds to current flowing into the device. Spec does not include input signal dependent currents on the
positive input of approximately Vsense / 5K
Ω due to topology feedback action.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com