Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments LMP8640 Datasheet HTML 11Page - Texas Instruments LMP8640 Datasheet HTML 12Page - Texas Instruments LMP8640 Datasheet HTML 13Page - Texas Instruments LMP8640 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
VCM (V)
140
130
120
110
100
90
80
-2
11
24
37
50
63
76
125 °C
25°C
-40°C
VS = 5V
VCM (V)
140
130
120
110
100
90
80
-2
11
24
37
50
63
76
125°C
25°C
-40°C
VS = 5V
VCM (V)
2300
2100
1900
1700
1500
1300
1100
900
700
500
300
-2 -1
0
1
2
3
4 16 28 40 52 64 76
VS = 5V
125°C
25°C
-40°C
VCM (V)
2500
2300
2100
1900
1700
1500
1300
1100
900
700
500
-2 -1
0
1
2
3
4 16 28 40 52 64 76
VS = 12V
125 °C
25°C
-40°C
VS (V)
2500
2400
2300
2200
2100
2000
1900
800
700
600
500
400
300
2.7
5.3
8.0
10.6
13.2
25°C
125°C
-40°C
VCM (V)
2300
2100
1900
1700
1500
1300
1100
900
700
500
300
-2 -1
0
1
2
3
4 16 28 40 52 64 76
25°C
VS = 2.7V
125°C
-40°C
LMP8640, LMP8640-Q1, LMP8640HV
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
www.ti.com
7.9 Typical Characteristics
Unless otherwise specified: TA = 25°C, VS=V
+-V-, V
SENSE= +IN - (-IN), RL = 10 MΩ.
Figure 1. Supply Curent vs. Supply Voltage
Figure 2. Supply Current vs. VCM
Figure 3. Supply Current vs. VCM
Figure 4. Supply Current vs. VCM
Figure 5. CMRR vs. VCM (Gain 20 V/V)
Figure 6. CMRR vs. VCM (Gain 50 V/V)
10
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com