Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 1 Page - Texas Instruments

  LMP8640 Datasheet HTML 1Page - Texas Instruments LMP8640 Datasheet HTML 2Page - Texas Instruments LMP8640 Datasheet HTML 3Page - Texas Instruments LMP8640 Datasheet HTML 4Page - Texas Instruments LMP8640 Datasheet HTML 5Page - Texas Instruments LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
+IN
-IN
V
+
RS
V
-
RG = 2*RIN
VOUT
LMP8640
RIN
RIN
IS
+
-
L
o
a
d
ADC
VA
G
G = 10 V/V in 20 V/V gain option
G = 25 V/V in 50 V/V gain option
G = 50 V/V in 100 V/V gain option
VSENSE (mV)
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
100
200
300
400
500
600
GAIN 20V/V
GAIN 50V/V
GAIN 100V/V
VS=12V, VCM =12V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMP8640, LMP8640-Q1, LMP8640HV
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
1 Features
3 Description
The LMP8640, LMP8640-Q1 and the LMP8640HV
1
•
Typical Values, TA = 25°C
are precision current sense amplifiers that detect
•
High Common-Mode Voltage Range
small differential voltages across a sense resistor in
–
LMP8640: -2 V to 42 V
the presence of high input common mode voltages
with a supply voltage range from 2.7 V to 12 V.
–
LMP8640-Q1: -2 V to 42 V, AEC-Q100
–
LMP8640HV: -2 V to 76 V
The LMP8640 and LMP8640-Q1 accept input signals
with common mode voltage range from -2 V to 42 V,
•
Supply Voltage Range: 2.7 V to 12 V
while the LMP8640HV accepts input signal with
•
Gain Options: 20 V/V; 50 V/V; 100 V/V
common mode voltage range from -2 V to 76 V. The
•
Max Gain Error: 0.25%
LMP8640 and LMP8640HV have fixed gain for
applications that demand accuracy over temperature.
•
Low Offset Voltage: 900 µV
The LMP8640 and LMP8640HV come out with three
•
Input Bias Current: 13 µA
different fixed gains 20 V/V, 50 V/V, 100 V/V ensuring
•
PSRR: 85 dB
a gain accuracy as low as 0.25%. The output is
•
CMRR (2.1V to 42V): 103 dB
buffered in order to provide low output impedance.
This high side current sense amplifier is ideal for
•
Temperature Range: -40°C to 125°C
sensing and monitoring currents in DC or battery
•
6-Pin Thin SOT-23 Package
powered
systems,
excellent
AC
and
DC
specifications over temperature, and keeps errors in
2 Applications
the current sense loop to a minimum. The LMP8640
and LMP8640HV are ideal choice for industrial and
•
High-Side Current Sense
consumer applications, while the LMP8640-Q1 is an
•
Vehicle Current Measurement
AEC-Q100 grade 1 qualified version of the LMP8640
•
Motor Controls
for
automotive
applications.
The
LMP8640-x
is
available in SOT-23-6 package.
•
Battery Monitoring
•
Remote Sensing
Device Information(1)
•
Power Management
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMP8640
LMP8640-Q1
SOT23 (6)
2.9 mm x 1.6 mm
LMP8640HV
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Output Voltage vs Input Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMP8640

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640 TI1-LMP8640 Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640 TI1-LMP8640 Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640 TI1-LMP8640 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
LMP8640 TI2-LMP8640 Datasheet
1Mb / 33P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
REVISED NOVEMBER 2014
More results

Similar Description - LMP8640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI-LMP8640_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640HV TI-LMP8640HV_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com