Electronic Components Datasheet Search
  English  ▼

X  

MPY634 Datasheet(PDF) 4 Page - Texas Instruments

Part # MPY634
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPY634 Datasheet(HTML) 4 Page - Texas Instruments

  MPY634 Datasheet HTML 1Page - Texas Instruments MPY634 Datasheet HTML 2Page - Texas Instruments MPY634 Datasheet HTML 3Page - Texas Instruments MPY634 Datasheet HTML 4Page - Texas Instruments MPY634 Datasheet HTML 5Page - Texas Instruments MPY634 Datasheet HTML 6Page - Texas Instruments MPY634 Datasheet HTML 7Page - Texas Instruments MPY634 Datasheet HTML 8Page - Texas Instruments MPY634 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MPY634
4
SBFS017A
www.ti.com
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VS = ±15VDC, unless otherwise noted.
–20
–40
–60
–80
–100
100
1k
10k
1M
10M
100M
Frequency (Hz)
FEEDTHROUGH vs FREQUENCY
100k
X Feedthrough
Y Feedthrough
10
0
–10
–20
–30
1k
10k
100k
1M
10M
100M
Frequency (Hz)
FREQUENCY RESPONSE AS A MULTIPLIER
C
L = 0pF
C
L = 1000pF
Normal Connection
With X10 Feedback
Attenuator
–50
–60
–70
–80
Temperature (°C)
FEEDTHROUGH vs TEMPERATURE
–20
20
60
100
140
–40
0
40
80
120
f
Y = 500kHz
V
X = nulled
nulled at 25°C
–60
90
80
70
60
50
40
30
20
10
0
10k
1M
10M
Frequency (Hz)
COMMON-MODE REJECTION RATIO vs FREQUENCY
100
100M
Typical for all inputs
1.5
1.25
1
0.75
0.5
10
100
10k
100k
Frequency (Hz)
NOISE SPECTRAL DENSITY
vs FREQUENCY
1k
60
40
20
0
–20
1k
10k
100k
1M
10M
100M
Frequency (Hz)
FREQUENCY RESPONSE AS A DIVIDER
V
X = 100mVDC
V
Z = 10mVrms
V
X = 1VDC
V
Z = 100mVrms
V
X = 10VDC
V
Z = 100mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com