Electronic Components Datasheet Search
  English  ▼

X  

MPY634 Datasheet(PDF) 8 Page - Texas Instruments

Part # MPY634
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPY634 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MPY634 Datasheet HTML 4Page - Texas Instruments MPY634 Datasheet HTML 5Page - Texas Instruments MPY634 Datasheet HTML 6Page - Texas Instruments MPY634 Datasheet HTML 7Page - Texas Instruments MPY634 Datasheet HTML 8Page - Texas Instruments MPY634 Datasheet HTML 9Page - Texas Instruments MPY634 Datasheet HTML 10Page - Texas Instruments MPY634 Datasheet HTML 11Page - Texas Instruments MPY634 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MPY634
8
SBFS017A
www.ti.com
FIGURE 9. Linear AM Modulator.
FIGURE 8. Sine-Function Generator.
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
V
OUT = (10V) sin
Where
= (
π/2) (E /10V)
4.7k
Ω
Input, E
0 to +10V
With a linearly changing 0-10V input, this circuit’s output follows
0° to 90° of a sine function with a 10V peak output amplitude.
4.3k
Ω
3k
Ω
10k
Ω
18k
Ω
θ
θ
θ
θ
FIGURE 11. Balanced Modulator.
Carrier: f
C = 2MHz, Amplitude = 1Vrms
Signal: f
S = 120kHz, Amplitude = 10V peak
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Carrier Input
E
C sin ω t
The basic muliplier connection performs balanced modulation.
Carrier rejection can be improved by trimming the offset voltage
of the modulation input. Better carrier rejection above 2MHz is
typically achieved by interchanging the X and Y inputs (carrier
applied to the X input).
1k
Ω
V
OUT
470k
Ω
+15V
–15V
Modulation
Input, ±E
M
Carrier
Null
FIGURE 10. Frequency Doubler.
Frequency Doubler
Input Signal: 20Vp-p, 200kHz
Output Signal: 10Vp-p, 400kHz
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
(A
2/20) cos (2
ω t)
Squaring a sinusoidal input creates an output frequency of
twice that of the input. The DC output component is
removed by AC-coupling the output.
R
C
A sin
ω t
–15V
+15V
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
V
OUT =
1 ± (E
M/10V) EC sin ωt
Carrier Input
E
C sin ωt
By injecting the input carrier signal into the output through connection
to the Z
2 input, conventional amplitude modulation is achieved.
Amplification can be achieved by use of the SF pin, or Z attenuator
(at the expense of bandwidth).
Modulation
Input, ±E
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com