Electronic Components Datasheet Search
  English  ▼

X  

MPY634 Datasheet(PDF) 7 Page - Texas Instruments

Part # MPY634
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPY634 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPY634 Datasheet HTML 3Page - Texas Instruments MPY634 Datasheet HTML 4Page - Texas Instruments MPY634 Datasheet HTML 5Page - Texas Instruments MPY634 Datasheet HTML 6Page - Texas Instruments MPY634 Datasheet HTML 7Page - Texas Instruments MPY634 Datasheet HTML 8Page - Texas Instruments MPY634 Datasheet HTML 9Page - Texas Instruments MPY634 Datasheet HTML 10Page - Texas Instruments MPY634 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MPY634
7
SBFS017A
www.ti.com
respectively. Feedback is applied to the Y2 input, and Y1 is
normally referenced to output ground. Alternatively, as the
transfer function implies, an input applied to Y1 can be
summed directly into VOUT. Since the feedback connection
is made to a multiplying input, the effective gain of the
output op amp varies as a function of the denominator input
voltage. Therefore, the bandwidth of the divider function is
proportional to the denominator voltage (see Typical Perfor-
mance Curves).
FIGURE 5. Square-Rooter Connection.
APPLICATIONS
FIGURE 6. Phase Detector.
FIGURE 7. Voltage-Controlled Amplifier.
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
V
O = (AB/20) cos
0.1µF
R
X
A sin (2
π 10MHz t)
B sin (2
π 10MHz t + )
Multiplier connection followed by a low-pass filter forms phase
detector useful in phase-locked-loop circuitry. R
X is often used in
PLL circuitry to provide desired loop-damping characteristics.
1k
Ω
θ
θ
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Z Input
10V FS
12V PK
V
OUT =
10V(Z
2 – Z1) + X2
Output,
±12V PK
R
L
(Must be
provided)
Reverse
this and
X inputs
for
Negative
Outputs
Optional
Summing
Input, X,
±10V PK
FIGURE 4. Basic Divider Connection.
Accuracy of the divider mode typically ranges from 1.0% to
2.5% for a 10 to 1 denominator range depending on device
grade. Accuracy is primarily limited by input offset voltages
and can be significantly improved by trimming the offset of
the X input. A trim voltage of
±3.5mV applied to the “low
side” X input (X2 for positive input voltages on X1) can
produce similar accuracies over 100 to 1 denominator range.
To trim, apply a signal which varies from 100mV to 10V at
a low frequency (less than 500Hz). An offset sine wave or
ramp is suitable. Since the ratio of the quantities should be
constant, the ideal output would be a constant 10V. Using
AC coupling on an oscilloscope, adjust the offset control for
minimum output voltage variation.
SQUARE-ROOTER
A square-rooter connection is shown in Figure 5. Input
voltage is limited to one polarity (positive for the connection
shown). The diode prevents circuit latch-up should the input
go negative. The circuit can be configured for negative input
and positive output by reversing the polarity of both the X
and Y inputs. The output polarity can be reversed by revers-
ing the diode and X input polarity. A load resistance of
approximately 10k
Ω must be provided. Trimming for im-
proved accuracy would be accomplished at the Z input.
MPY634
X
1
+V
S
X
2
V
O
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
OPA606
1k
Ω
Minor gain adjustments are accomplished with the 1k
Ω variable resistor
connected to the scale factor adjustment pin, SF. Bandwidth of this circuit
is limited by A
1, which is operated at relatively high gain.
A
1
39k
Ω
2k
Ω
2k
Ω
+
–
E
S
+
–
E
C
–15V
V
O = 10 • EC • ES
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Optional
Summing Input
±10V PK
X Input
(Denominator)
0.1V
≤ X ≤ 10V
Z Input
(Numerator)
±10V FS,
±12V PK
+
–
(X
1 – X2)
V
OUT =
+ Y
1
10V(Z
2 – Z1)
Output, ±12V PK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com