Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR.A Datasheet(PDF) 16 Page - Texas Instruments

Part # MAX3243CPWR.A
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button MAX3243CPWR.A Datasheet HTML 12Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 13Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 14Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 15Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 16Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 17Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 18Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 19Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
8.4.2 Layout Example
VCC
Ground
Ground
26
25
27
24
23
22
21
28
C2
C4
0.1 F
μ
C2+
C2-
V-
RIN1
RIN2
RIN3
RIN4
RIN5
C1+
V+
VCC
GND
C1-
FORCEON
FORCEOFF
INVALID
DOUT1
DOUT2
DOUT3
DIN3
DIN2
DIN1
3
4
2
5
6
7
1
10
11
9
12
13
14
8
19
18
20
17
16
15
ROUT2B
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
C3
Ground
C1
Figure 8-3. Layout Diagram
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com