Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR.A Datasheet(PDF) 7 Page - Texas Instruments

Part # MAX3243CPWR.A
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX3243CPWR.A Datasheet HTML 3Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 4Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 5Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 6Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 7Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 8Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 9Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 10Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
5.9 Switching Characteristics –– Driver
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(2) (see Figure 8-1)
MAX3243C, MAX3243I
PARAMETER
TEST CONDITIONS
MIN
TYP(1) MAX
UNIT
Maximum data rate
RL = 3 kΩ
One DOUT switching,
CL = 1000 pF
See Figure 6-1
150
250
kbit/s
tsk(p)
Pulse skew(3)
RL = 3 kΩ to 7 kΩ
CL = 150 pF to 2500 pF
See Figure 6-3
100
ns
SR(tr)
Slew rate, transition region
(see Figure 6-1)
VCC = 3.3 V,
RL = 3 kΩ to 7 kΩ
CL = 150 pF to 1000 pF
6
30
V/μs
CL = 150 pF to 2500 pF
4
30
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(2)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V + 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
5.10 Switching Characteristics –– Receiver
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(2)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 150 pF,
See Figure 6-3
150
ns
tPHL
Propagation delay time, high- to low-level output
150
ns
ten
Output enable time
CL = 150 pF, RL = 3 kΩ,
See Figure 6-4
200
ns
tdis
Output disable time
200
ns
tsk(p)
Pulse skew(3)
See Figure 6-3
50
ns
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(2)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(3)
Pulse skew is defined as |tPLH - tPHL| of each channel of the same device.
5.11 Typical Characteristics
VCC = 3.3 V
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
Load Current (mA)
VOH
C001
Figure 5-1. DOUT VOH vs Load Current
±6
±5
±4
±3
±2
±1
0
0
5
10
15
20
25
30
35
Load Current (mA)
VOL
C001
Figure 5-2. DOUT VOL vs Load Current
www.ti.com
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com