Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR.A Datasheet(PDF) 12 Page - Texas Instruments

Part # MAX3243CPWR.A
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button MAX3243CPWR.A Datasheet HTML 8Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 9Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 10Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 11Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 12Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 13Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 14Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 15Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
7.4 Device Functional Modes
Table 7-1. Each Driver (1)
INPUTS
OUTPUT
DRIVER STATUS
DIN
FORCEON
FORCEOFF
VALID RIN
RS-232 LEVEL
DOUT
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown disabled
H
H
H
X
L
L
L
H
YES
H
Normal operation with
auto-powerdown enabled
H
L
H
YES
L
X
L
H
NO
Z
Power off by
auto-powerdown feature
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance, YES = any RIN valid, NO = all RIN invalid
Table 7-2. Each Receiver (1)
INPUTS
OUTPUTS
RECEIVER STATUS
RIN
FORCEON
FORCEOFF
ROUT
X
X
L
Z
Powered off
L
X
H
H
Normal operation
H
X
H
L
Open
X
H
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected driver off
Table 7-3. INVALID and ROUT2B Outputs (1)
INPUTS
OUTPUTS
OUTPUT STATUS
VALID RIN
RS-232 LEVEL
RIN2
FORCEON
FORCEOFF
INVALID
ROUT2B
YES
L
X
X
H
L
Always Active
YES
H
X
X
H
H
YES
OPEN
X
X
H
L
Always Active
NO
OPEN
X
X
L
L
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off),
OPEN = input disconnected or connected driver off, YES = any RIN valid, NO = all RIN invalid
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com