Electronic Components Datasheet Search
  English  ▼

X  

MP6500GU Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6500GU
Description  2.5A, 35V, Bipolar Stepper Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6500GU Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6500GU Datasheet HTML 1Page - Monolithic Power Systems MP6500GU Datasheet HTML 2Page - Monolithic Power Systems MP6500GU Datasheet HTML 3Page - Monolithic Power Systems MP6500GU Datasheet HTML 4Page - Monolithic Power Systems MP6500GU Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV6500-U-00A
– 2.5A, 35V, BIPOLAR STEPPER MOTOR DRIVER EVAL BOARD
EV6500-U-00A Rev. 1.1
www.MonolithicPower.com
2
7/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
QUICK START GUIDE
1. Attach the input voltage (4.5
V ≤ VIN ≤ 35V) to the VIN connector, and attach the input ground to the
GND connector.
2. To enable the external step signal input from the EXT_STEP connector, switch SW2 to position 3
(top side).
3. Attach the step signal to the EXT_STEP connector.
4. The input control and logic signal can be set through the CN1 connector, the external MCU, or through
SW1 via manual action. Manual action requires an external, 5V VCC voltage to be used as a pull-up
power supply.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com