Electronic Components Datasheet Search
  English  ▼

X  

MP6500GU Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6500GU
Description  2.5A, 35V, Bipolar Stepper Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6500GU Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6500GU Datasheet HTML 1Page - Monolithic Power Systems MP6500GU Datasheet HTML 2Page - Monolithic Power Systems MP6500GU Datasheet HTML 3Page - Monolithic Power Systems MP6500GU Datasheet HTML 4Page - Monolithic Power Systems MP6500GU Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV6500-U-00A
2.5A, 35V, Bipolar Stepper Motor Driver
Evaluation Board
EV6500-U-00A Rev. 1.1
www.MonolithicPower.com
1
7/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The EV6500-U-00A is an evaluation board for
the MP6500GU, a stepper motor driver with a
built-in microstepping translator.
The MP6500 operates from a supply voltage of
up to 35V, and can deliver a motor current up to
2.5A. It can operate a bipolar stepper motor in
full- half-, quarter-, and eighth-step modes by
setting the MS2 and MS1. The input control
signals for the MP6500 are applied through the
connector, or generated on the board.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input voltage
VIN
4.5 to 35
V
Maximum output
current
IOUT-L
2.5
A
Decay mode
Automatic decay
FEATURES
 Wide 4.5V to 35V Input Voltage Range
 Up to 2.5A Configurable Output Current
 Full, Half-, Quarter-, and Eighth-Step Modes
 Automatic Decay Mode
 OCP, OVP, OTP
 Fault Indication Output
APPLICATIONS
 Bipolar Stepper Motors
 Printers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance. “MPS”,
the MPS logo, and “Simple, Easy Solutions” are trademarks of Monolithic Power
Systems, Inc. or its subsidiaries.
EV6500-U-00A EVALUATION BOARD
(LxWxH) 6.35cmx6.35cmx1cm
Board Number
MPS IC Number
EV6500-U-00A
MP6500GU


Similar Part No. - MP6500GU

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6500GU MPS-MP6500GU Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
More results

Similar Description - MP6500GU

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6501AGF-00B MPS-EV6501AGF-00B Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
EV6507GF-00A MPS-EV6507GF-00A Datasheet
322Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6507GQ-00A MPS-EV6507GQ-00A Datasheet
301Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6509GF-00A MPS-EV6509GF-00A Datasheet
351Kb / 7P
1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
EV6515-F-00A MPS-EV6515-F-00A Datasheet
508Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6601 MPS-MP6601 Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com