Electronic Components Datasheet Search
  English  ▼

X  

MP6500GU Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6500GU
Description  2.5A, 35V, Bipolar Stepper Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6500GU Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6500GU Datasheet HTML 1Page - Monolithic Power Systems MP6500GU Datasheet HTML 2Page - Monolithic Power Systems MP6500GU Datasheet HTML 3Page - Monolithic Power Systems MP6500GU Datasheet HTML 4Page - Monolithic Power Systems MP6500GU Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV6500-U-00A
– 2.5A, 35V, BIPOLAR STEPPER MOTOR DRIVER EVAL BOARD
EV6500-U-00A Rev. 1.1
www.MonolithicPower.com
4
7/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
EV6500-U-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
100
μF/50V
Electrolytic
capacitor, 50V
DIP
Rubycon
50YXF100MEFC
1
C2
100nF/50V
Ceramic capacitor,
50V, X7R
0805
Murata
GRM21BR71H104KA
01L
2
C3, C4
1
μF/16V
Ceramic capacitor,
16V, X7R
0603
Murata
GRM188R71C105KA
12D
2
C5, C6
10
μF/50V
Ceramic capacitor,
50V, X7R
1210
Murata
GRM32ER71H106KA
12L
2
C7, C8
1
μF/50V
Ceramic capacitor,
50V, X7R
0805
Murata
GRM21BR71H105KA
12L
7
R3, R4,
R5, R6,
R7, R8,
R9
1k
Ω
Film resistor, 1%
0603
Yageo
RC0603FR-071KL
1
R1
30k
Ω
Film resistor, 1%
0603
Yageo
RC0603FR-0730KL
1
R2
100k
Ω
Film resistor, 1%
0603
Yageo
RC0603FR-07100KL
1
RV1
100k
Ω
Square trimming
potentiometer
DIP
Bourns
3266W-1-104LF
1
RV2
500k
Ω
Square trimming
potentiometer
DIP
Bourns
3266W-1-504LF
1
LED1
Red
LED
0805
Baihong
BL-HUE35A-AV-TRB
1
SW1
6-bits
Button
SMD
Wurth
418121270806
1
SW2
SPDT
Button
DIP
Any
1
CN1
8-bits/
2.54mm
Connector
DIP
Any
1
CN2
4-bits/
2.54mm
Connector
DIP
Any
1
D1
NS
2
STEP,
FAULT
Yellow
Test point
DIP
Any
2
VIN,
VIN_GN
D
Φ = 2mm
Connector
DIP
Any
9
VCC,
VCC_GN
D,
AOUT1,
AOUT2,
BOUT1,
BOUT2,
EXT_ST
EP,
GND1,
GND2
Φ = 1mm
Connector
DIP
Any
1
U1
35V, 2.5A
Stepper motor
driver
QFN-24
(5mmx5mm)
MPS
MP6500GU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com