Electronic Components Datasheet Search
  English  ▼

X  

PM2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PM2
Description  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PM2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
457 ConvergentReflectiveMicroPhotoelectricSensorPM2SERIES
Selection
Guide
U-shaped
Convergent
Reflective
PM2
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Connector type
Cautions in plugging or unplugging a connector
Procedures of plugging or unplugging a connector
1
Insert a connector straight into a
sensor until the connector lug is
locked by the sensor hook.
2
When unplugging, give as much
stress as a connector lug can
be relieved from a hook. Then
unplug it.
Hook
Lug
5 N or less
Caution: Be sure to hold a
connector when plugging
or unplugging it. Do
not hold a terminal or
a cable when plugging
or unplugging the
connector. Otherwise, it
will cause a poor contact.
CN 13
0VOUT+V
1.5 mm
0.059 in
Soldering
position
0V OUT
+V
Soldering (Both connector CN-13 and sensor)
• If soldering is done directly on the terminals, strictly
adhere to the conditions given below.
Soldering temperature
260 °C 500 °F or less
Soldering time
10 sec. or less
Soldering position
Refer to the below figure
Sensor
Connector
Wiring
• The cable length must
be 2 m 6.562 ft, or
less, with 0.3 mm2,
or more, cable. If the
cable is extended for
more than 2 m 6.562 ft,
connect a capacitor of
10 µF approx. between
+V and 0 V terminals.
10 µF
Cable
5 to 24 V DC
±10 %
+
–
Sensor
PM2-LH10 PM2-LH10B
10
0.394
5
0.197
3.3
0.130
7.2
0.283
Sensing surface
26
1.024
20
0.787
14
0.551
Operation
indicator (Red)
2-mounting oblong holes
3.2
0.126
6
0.236
25
0.984
1 0.039
8.4
0.331
4
0.157
3.2
0.126
15
0.591
17
0.669
15
0.591
Sensor
PM2-LF10 PM2-LF10B
26
1.024
20
0.787
14
0.551
7.2
0.283
3.2
0.126
6
0.236
25
0.984
13
0.512
15
0.591
1 0.039
8.4
0.331
4
0.157
4 0.157
10
0.394
Sensing surface
2-mounting oblong holes
Operation
indicator (Red)
3.3
0.130
15
0.591
3.2
0.126
5
0.197
DIMENSIONS (Unit: mm in)
The CAD data in the dimensions can be downloaded from our website.
PRECAUTIONS FOR PROPER USE
• Do not plug or unplug a connector more than
10 times.
• Be sure not to give stress more than 5 N to a
terminal of both a connector and a sensor.
If you do not follow the above cautions, it will
cause a poor contact.
Refer to p.1458~ for general precautions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com