Electronic Components Datasheet Search
  English  ▼

X  

PM2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM2
Description  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PM2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
453
Related Information
Selection
Guide
U-shaped
Convergent
Reflective
PM2
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Convergent Reflective Micro Photoelectric Sensor Amplifier Built-in
PM2 SERIES
■General terms and conditions...........F-13
■Glossary of terms........................P.1455~ ■General precautions...................P.1458~
Convergent reflection sensing ensures stable detection
Conforming to
EMC Directive
Stable detection by convergent reflective mode
Stable detection
characteristics are
obtained since it is
convergent reflective
type and senses a
limited area.
Hardly affected by background
Even a specular
background does not
affect the sensing
performance if the
sensor is located 30 mm
1.181 in away from it.
Detects
an object
within the
convergent
area
30 mm
1.181 in
Background
Sensing object
However, the specular background should be a
plane surface, directly facing the sensor. A spherical
or curved background may be detected.
Dark object detectable
Since the sensor is very
sensitive, it can detect
even a dark object of low
reflectivity.
Optimum setting
distance is 5 mm 0.197 in
approx.
Minute object detectable
A ø0.05 mm ø0.002 in
copper wire can be
detected at a distance of
5 mm 0.197 in under the
optimum condition.
5 mm 0.197 in
approx.
ø0.05 mm ø0.002 in
copper wire
Cable type is also available
Cumbersome soldering is not required.
It saves space and improves reliability.
PM
2
-LH
10
PM
2
-LH
10
Cable type
With connector
50 mm 1.969 in approx.
25 mm 0.984 in
approx.
■Sensor selection guide................. P.427~
Certified
panasonic.net/id/pidsx/global


Similar Part No. - PM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM2 ETC2-PM2 Datasheet
118Kb / 1P
Floor pressure mats or pads are designed to detect a person treading on them, there primary use is in the security industry
logo
M-System Co.,Ltd.
PM2 MSYSTEM-PM2 Datasheet
78Kb / 1P
Super-mini Signal Conditioners Mini-M Series
logo
List of Unclassifed Man...
PM2 ETC-PM2 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
Panasonic Semiconductor
PM2 PANASONIC-PM2 Datasheet
1Mb / 6P
Convergent Reflective Micro Photoelectric Sensor
logo
PANDUIT CORP.
PM2-3R-C PANDUIT-PM2-3R-C Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
More results

Similar Description - PM2

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4-3E1134 SICK-WLG4-3E1134 Datasheet
778Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3E1382 SICK-WLG4-3E1382 Datasheet
780Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3F3182S06 SICK-WLG4-3F3182S06 Datasheet
675Kb / 5P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3F3434 SICK-WLG4-3F3434 Datasheet
781Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3K2232 SICK-WLG4-3K2232 Datasheet
798Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4S-3F3434V SICK-WLG4S-3F3434V Datasheet
1Mb / 7P
Photoelectric retro-reflective sensor
2/4/2016
WLG4S-3N1132V SICK-WLG4S-3N1132V Datasheet
1Mb / 7P
Photoelectric retro-reflective sensor
2/4/2016
WLG4S-3N2432V SICK-WLG4S-3N2432V Datasheet
784Kb / 7P
Photoelectric retro-reflective sensor
2/4/2016
logo
Panasonic Semiconductor
EX-42 PANASONIC-EX-42 Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
EX-40 PANASONIC-EX-40 Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com