Electronic Components Datasheet Search
  English  ▼

X  

PM2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PM2
Description  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PM2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Convergent Reflective Micro Photoelectric Sensor
PM2 SERIES
458
Selection
Guide
U-shaped
Convergent
Reflective
PM2
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
10
0.394
1
0.039
(6)
(0.236)
4
0.157
0.5
0.020
t 0.2
t 0.008
2.8
0.110
5
0.197
1
0.039
1
0.039
0.8
0.031
1.6
0.063
(2.54)
(0.100)
(2.54)
(0.100)
11
0.433
11
0.433
Sensor
PM2-LL10 PM2-LL10B
CN-13
Connector (Optional)
Sensing surface
Operation indicator (Red)
2-mounting oblong holes
10
0.394
5
0.197
8.4
0.33114.4
0.567
4
0.157
7 0.276
14
0.551
3.3
0.130
25
0.984 20
0.787
6
0.236
15
0.591
10
0.394
10
0.394
2
0.079
2 0.079
11.4
0.449
7.2
0.283
3.2
0.126
3.2
0.126
6
0.236
Sensor
PM2-LH10-C1 PM2-LH10B-C1
Sensor
PM2-LL10-C1 PM2-LL10B-C1
Sensor
PM2-LF10-C1 PM2-LF10B-C1
1
0.039
0.8
0.031
1.6
0.063
2.1
0.083
1.3
0.051
1
0.039
0 V
OUT
t 0.3
t 0.012
2.54
0.100
2.54
0.100
+V
*Terminal part (Connector type)
DIMENSIONS (Unit: mm in)
The CAD data in the dimensions can be downloaded from our website.
15
0.591
14
0.551
2
0.079
7.2
0.283
Operation indicator (Red)
ø3.7 ø0.146 cable,
1 m 3.281 ft long
2-mounting
oblong holes
Sensing surface
10
0.394
3.2
0.126
ø5.2
ø0.205
8.4
0.331
4
0.157
5.4
0.213
3.1
0.122
5
0.197
15
0.591
1
0.039
3.3
0.130
14
0.551
20 0.787
26
1.024
7
0.276
12.4
0.488
17
0.669 25
0.984
Sensing
surface
7
0.276
ø5.2
ø0.205
12.4
0.488
ø3.7 ø0.146 cable,
1 m 3.281 ft long
3.3
0.130
5.4
0.213
3.2
0.126
3.1
0.122
11.4
0.449
7.2
0.283
25
0.984
15
0.591
14
0.551
2
0.079
20
0.787
2-mounting
oblong
holes
2
0.079
2
0.079
10
0.394
14
0.551
4
0.157
7 0.276
5
0.197
8.4
0.331
6
0.236
14.4
0.567
10
0.394
10
0.394
Operation indicator (Red)
8.4
0.331
4
0.157
3.1
0.122
26
1.024
14
0.551
20 0.787
Operation
indicator (Red)
15
0.591 13
0.512 25
0.984
3.2
0.126
1
0.039
4 0.157
ø3.7 ø0.146 cable,
1 m 3.281 ft long
7
0.276
ø5.2
ø0.205
12.4
0.488
15
0.591
14
0.551
2
0.079
7.2
0.283
2-mounting
oblong holes
Sensing surface
5.4
0.213
10
0.394
3.3
0.130
5
0.197



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com