Electronic Components Datasheet Search
  English  ▼

X  

LPC2388 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2388
Description  Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2388 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2388 Datasheet HTML 17Page - NXP Semiconductors LPC2388 Datasheet HTML 18Page - NXP Semiconductors LPC2388 Datasheet HTML 19Page - NXP Semiconductors LPC2388 Datasheet HTML 20Page - NXP Semiconductors LPC2388 Datasheet HTML 21Page - NXP Semiconductors LPC2388 Datasheet HTML 22Page - NXP Semiconductors LPC2388 Datasheet HTML 23Page - NXP Semiconductors LPC2388 Datasheet HTML 24Page - NXP Semiconductors LPC2388 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
LPC2388_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.02 — 28 January 2008
21 of 57
NXP Semiconductors
LPC2388
Fast communication chip
• An interrupt to the processor can be generated on a DMA completion or when a DMA
error has occurred.
• Interrupt masking. The DMA error and DMA terminal count interrupt requests can be
masked.
• Raw interrupt status. The DMA error and DMA count raw interrupt status can be read
prior to masking.
7.9 Fast general purpose parallel I/O
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The value of the
output register may be read back as well as the current state of the port pins.
LPC2388 use accelerated GPIO functions:
• GPIO registers are relocated to the ARM local bus so that the fastest possible I/O
timing can be achieved.
• Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
• All GPIO registers are byte and half-word addressable.
• Entire port value can be written in one instruction.
Additionally, any pin on PORT0 and PORT2 (total of 46 pins) providing a digital function
can be programmed to generate an interrupt on a rising edge, a falling edge, or both. The
edge detection is asynchronous, so it may operate when clocks are not present such as
during Power-down mode. Each enabled interrupt can be used to wake up the chip from
Power-down mode.
7.9.1 Features
• Bit level set and clear registers allow a single instruction to set or clear any number of
bits in one port.
• Direction control of individual bits.
• All I/O default to inputs after reset.
• Backward compatibility with other earlier devices is maintained with legacy PORT0
and PORT1 registers appearing at the original addresses on the APB.
7.10 Ethernet
The Ethernet block contains a full featured 10 Mbit/s or 100 Mbit/s Ethernet MAC
designed to provide optimized performance through the use of DMA hardware
acceleration. Features include a generous suite of control registers, half or full duplex
operation, flow control, control frames, hardware acceleration for transmit retry, receive
packet filtering and wake-up on LAN activity. Automatic frame transmission and reception
with scatter-gather DMA off-loads many operations from the CPU.
The Ethernet block and the CPU share a dedicated AHB subsystem that is used to access
the Ethernet SRAM for Ethernet data, control, and status information. All other AHB traffic
in the LPC2388 takes place on a different AHB subsystem, effectively separating Ethernet
activity from the rest of the system. The Ethernet DMA can also access off-chip memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com