Electronic Components Datasheet Search
  English  ▼

X  

LPC2388 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2388
Description  Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2388 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2388 Datasheet HTML 1Page - NXP Semiconductors LPC2388 Datasheet HTML 2Page - NXP Semiconductors LPC2388 Datasheet HTML 3Page - NXP Semiconductors LPC2388 Datasheet HTML 4Page - NXP Semiconductors LPC2388 Datasheet HTML 5Page - NXP Semiconductors LPC2388 Datasheet HTML 6Page - NXP Semiconductors LPC2388 Datasheet HTML 7Page - NXP Semiconductors LPC2388 Datasheet HTML 8Page - NXP Semiconductors LPC2388 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
LPC2388_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.02 — 28 January 2008
3 of 57
NXP Semiconductors
LPC2388
Fast communication chip
4 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as
the system clock. When used as the CPU clock, does not allow CAN and USB to run.
On-chip PLL allows CPU operation up to the maximum CPU rate without the need for
a high frequency crystal. May be run from the main oscillator, the internal RC oscillator,
or the RTC oscillator.
Boundary scan for simplified board testing.
Versatile pin function selections allow more possibilities for using on-chip peripheral
functions.
3.
Applications
Industrial control
Medical systems
Protocol converter
Communications
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2388FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
× 20 × 1.4 mm
SOT486-1
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
External bus
Ether
net
USB
device
host
OTG+
4 kB
FIFO
SD/
MMC
GP
DMA
Temp
range
LPC2388FBD144 512
64 16 16 2
98 MiniBus: 8 data, 16
address, and 2 chip
select lines
RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com