Electronic Components Datasheet Search
  English  ▼

X  

REF3240 Datasheet(PDF) 4 Page - Texas Instruments

Part # REF3240
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3240 Datasheet(HTML) 4 Page - Texas Instruments

  REF3240 Datasheet HTML 1Page - Texas Instruments REF3240 Datasheet HTML 2Page - Texas Instruments REF3240 Datasheet HTML 3Page - Texas Instruments REF3240 Datasheet HTML 4Page - Texas Instruments REF3240 Datasheet HTML 5Page - Texas Instruments REF3240 Datasheet HTML 6Page - Texas Instruments REF3240 Datasheet HTML 7Page - Texas Instruments REF3240 Datasheet HTML 8Page - Texas Instruments REF3240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the listed temperature range.
At TA = +25°C, ILOAD = 0mA, and VIN = 5V, unless otherwise noted.
REF32xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REF3212 / REF3220 / REF3225 / REF3230 / REF3233 / REF3240
OUTPUT VOLTAGE TEMP
dVOUT/dT
DRIFT
0
°C ≤ TA ≤ +125°C
4
7
ppm/
°C
–40°C ≤ TA ≤ +125°C
10.5
20
ppm/
°C
LONG-TERM STABILITY
0 to 1000h
55
ppm
LINE REGULATION
VOUT + 0.05
(1) ≤ V
IN ≤ 5.5V
–65
15
+65
ppm/V
LOAD REGULATION(2)
dVOUT/dILOAD
Sourcing
0mA
< ILOAD < 10mA, VIN = VOUT + 250mV
(1)
–40
3
40
µV/mA
Sinking
–10mA < ILOAD < 0mA, VIN = VOUT + 100mV
(1)
–60
20
60
µV/mA
THERMAL HYSTERESIS(3)
dT
First cycle
100
ppm
Additional cycles
25
ppm
DROPOUT VOLTAGE(1)
VIN – VOUT
0
°C ≤ TA ≤ +125°C
5
50
mV
OUTPUT CURRENT
ILOAD
VIN = VOUT + 250mV
(1)
–10
10
mA
SHORT-CIRCUIT CURRENT
ISC
Sourcing
50
mA
Sinking
40
mA
TURN-ON SETTLING TIME
To 0.1% at VIN = 5V with CL = 0
60
µs
ENABLE/SHUTDOWN(4)
VL
Reference in Shutdown mode
0
0.7
V
VH
Reference is active
1.5
VIN
V
POWER SUPPLY
IL = 0
Voltage
VIN
VOUT + 0.05
(1)
5.5
V
Current
IQ
ENABLE
> 1.5V
100
120
µA
.. Over temperature
0
°C ≤ TA ≤ +125°C
115
135
µA
Shutdown
IS
ENABLE
< 0.7V
0.1
1
µA
TEMPERATURE RANGE
Specified
–40
+125
°C
Operating
–55
+135
°C
Storage
–65
+150
°C
Thermal resistance, SOT23-6
θJA
200
°C/W
(1)
The minimum supply voltage for the REF3212 is 1.8V.
(2)
Load regulation is using force and sense lines; see the Load Regulation section for more information.
(3)
Thermal hysteresis procedure is explained in more detail in the Applications Information TBD section.
(4)
If the rise time of the input voltage is less than or equal to 2ms, the ENABLE and IN pins can be tied together. For rise times greater
than 2ms, see the Supply Voltage section.
4
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com