Electronic Components Datasheet Search
  English  ▼

X  

REF3240 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF3240
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3240 Datasheet(HTML) 1 Page - Texas Instruments

  REF3240 Datasheet HTML 1Page - Texas Instruments REF3240 Datasheet HTML 2Page - Texas Instruments REF3240 Datasheet HTML 3Page - Texas Instruments REF3240 Datasheet HTML 4Page - Texas Instruments REF3240 Datasheet HTML 5Page - Texas Instruments REF3240 Datasheet HTML 6Page - Texas Instruments REF3240 Datasheet HTML 7Page - Texas Instruments REF3240 Datasheet HTML 8Page - Texas Instruments REF3240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
GND_F
GND_S
3
2
ENABLE
5
6
4
OUT_S
IN
OUT_F
REF3212
REF3220
REF3225
REF3230
REF3233
REF3240
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
www.ti.com
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
4ppm/
°C, 100μA, SOT23-6
SERIES VOLTAGE REFERENCE
Check for Samples: REF3212, REF3220, REF3225, REF3230, REF3233, REF3240
1
FEATURES
DESCRIPTION
The REF32xx is a very low drift, micropower,
2
•
Excellent Specified Drift Performance:
low-dropout,
precision
voltage
reference
family
– 7ppm/°C (max) at 0°C to +125°C
available in the tiny SOT23-6 package.
– 20ppm/°C (max) at –40°C to +125°C
The small size and low power consumption (120
μA
•
Microsize Package: SOT23-6
max) of the REF32xx make it ideal for portable and
•
High Output Current:
±10mA
battery-powered applications. This reference is stable
with any capacitive load.
•
High Accuracy: 0.01%
The REF32xx can be operated from a supply as low
•
Low Quiescent Current: 100
μA
as 5mV above the output voltage, under no load
•
Low Dropout: 5mV
conditions. All models are specified for the wide
temperature range of
–40°C to +125°C.
APPLICATIONS
•
Portable Equipment
AVAILABLE OUTPUT VOLTAGES
PRODUCT
VOLTAGE
•
Data Acquisition Systems
REF3212
1.25V
•
Medical Equipment
REF3220
2.048V
•
Test Equipment
REF3225
2.5V
REF3230
3.0V
REF3233
3.3V
REF3240
4.096
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF3240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3240 TI-REF3240 Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3240 BURR-BROWN-REF3240 Datasheet
311Kb / 15P
4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3240 TI-REF3240 Datasheet
902Kb / 20P
4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
REF3240 TI1-REF3240 Datasheet
820Kb / 22P
SOT23-6 SERIES VOLTAGE REFERENCES
REF3240 TI2-REF3240 Datasheet
532Kb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
More results

Similar Description - REF3240

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3212 TI-REF3212 Datasheet
263Kb / 14P
4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3212 BURR-BROWN-REF3212 Datasheet
311Kb / 15P
4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Texas Instruments
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com