Electronic Components Datasheet Search
  English  ▼

X  

REF3240 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF3240
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3240 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3240 Datasheet HTML 10Page - Texas Instruments REF3240 Datasheet HTML 11Page - Texas Instruments REF3240 Datasheet HTML 12Page - Texas Instruments REF3240 Datasheet HTML 13Page - Texas Instruments REF3240 Datasheet HTML 14Page - Texas Instruments REF3240 Datasheet HTML 15Page - Texas Instruments REF3240 Datasheet HTML 16Page - Texas Instruments REF3240 Datasheet HTML 17Page - Texas Instruments REF3240 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
REF3212AIDBVR
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32A
REF3212AIDBVR.B
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32A
REF3212AIDBVT
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32A
REF3212AIDBVT.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32A
REF3212AIDBVT1G4.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32A
REF3220AIDBVR
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32B
REF3220AIDBVR.B
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32B
REF3220AIDBVT
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32B
REF3220AIDBVT.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32B
REF3220AIDBVT1G4.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32B
REF3225AIDBVR
NRND
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32C
REF3225AIDBVR.B
NRND
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32C
REF3225AIDBVT
NRND
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32C
REF3225AIDBVT.B
NRND
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32C
REF3230AIDBVR
NRND
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32D
REF3230AIDBVR.B
NRND
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32D
REF3230AIDBVT
NRND
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32D
REF3230AIDBVT.B
NRND
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32D
REF3233AIDBVR
NRND
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32E
REF3233AIDBVR.B
NRND
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32E
REF3233AIDBVT
NRND
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32E
REF3233AIDBVT.B
NRND
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32E
REF3240AIDBVR
NRND
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32F
REF3240AIDBVR.B
NRND
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32F
REF3240AIDBVT
NRND
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32F
REF3240AIDBVT.B
NRND
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
R32F
(1) Status: For more details on status, see our product life cycle.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com