Electronic Components Datasheet Search
  English  ▼

X  

B82498F Datasheet(PDF) 2 Page - EPCOS

Part # B82498F
Description  SMT Inductors, SIMID Series SIMID 0805-F
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F Datasheet(HTML) 2 Page - EPCOS

  B82498F Datasheet HTML 1Page - EPCOS B82498F Datasheet HTML 2Page - EPCOS B82498F Datasheet HTML 3Page - EPCOS B82498F Datasheet HTML 4Page - EPCOS B82498F Datasheet HTML 5Page - EPCOS B82498F Datasheet HTML 6Page - EPCOS B82498F Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
B82498–F****–*–2–7659
General technical data
Rated inductance LR
Measured with impedance analyzer HP 4291A and
test fixture 16197 at frequency fL; short dimensions
2.0 x 1.2 x 0.8 (mm); 0.9 + 0.1 (mm) pad distance;
short inductance 200 pH unconsidered
Q factor Qmin
Measured with impedance analyzer HP 4291A and
test fixture 16197 at frequency fQ; short dimensions
2.0 x 1.2 x 0.8 (mm); 0.9 + 0.1(mm) pad distance;
short inductance 200 pH unconsidered
Rated current IR
Maximum permissible DC with inductance decrease-
L/L0
10% and temperature increase of
25 K
at rated temperature of 125
°C
Self–resonance frequency fres,min
Measured with network analyzer HP 8720D
DC resistance Rmax
Measured at 20
°C ambient temperature,
measuring current < IR
Climatic category
In accordance with IEC 60068–1
55/150/56 (–55
°C/ +150 °C/ 56 days damp heat test)
Solderability
In accordance with IEC 60068–2–58 (lead free)
(245
3)
°C, (3
0,3) s
Wetting of soldering area:
90%
Resistance to soldering heat
In accordance with IEC 60068–2–20
260
°C, 10 s
∆L/L
3%
Permissible PCB bending
2 mm (100 mm long standard PCB)
Weight
Approx. 8,5mg (ceramic), 12,5mg (ferrite)
The information contained in this datasheet describes the
type of component and shall not be considered as guaran-
teed characteristics.
SMT Inductors, SIMID Series
B82498F
SIMID 0805–F
Hugo ist doof BNR
7 pages
11.11.2004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com