Electronic Components Datasheet Search
  English  ▼

X  

B82498F Datasheet(PDF) 6 Page - EPCOS

Part # B82498F
Description  SMT Inductors, SIMID Series SIMID 0805-F
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F Datasheet(HTML) 6 Page - EPCOS

  B82498F Datasheet HTML 1Page - EPCOS B82498F Datasheet HTML 2Page - EPCOS B82498F Datasheet HTML 3Page - EPCOS B82498F Datasheet HTML 4Page - EPCOS B82498F Datasheet HTML 5Page - EPCOS B82498F Datasheet HTML 6Page - EPCOS B82498F Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
B82498–F****–*–2–7659
Q factor (ceramic core) versus frequency f
measured with HP 4291A
0
10
20
30
40
50
60
70
80
90
Q
f
MHz
1
10
10
2
10
3
100 nH
27 nH
6,8 nH
2,7 nH
820 nH
470 nH
Q factor (ferrite core) versus frequency f
measured with HP 4291A
5
f
Q
MHz
0
10
10
15
20
25
30
35
40
10
1
1000 nH
4700 nH
2700 nH
6800 nH
f
MHz
0
10
10
1
10
2
10
3
5
10
4
10
3
10
2
10
1
10
0
10
measured with HP 4291A
Impedance |Z| versus frequency f (ceramic core)
|Z|
820nH
470 nH
100 nH
Ω
5
10
4
10
3
10
2
10
1
10
0
10
f
MHz
0
10
10
1
10
2
10
3
measured with HP 4291A
Impedance |Z| versus frequency f (ferrite core)
|Z|
6800 nH
2700 nH
4700 nH
1000 nH
Ω
The information contained in this datasheet describes the
type of component and shall not be considered as guaran-
teed characteristics.
SMT Inductors, SIMID Series
B82498F
SIMID 0805–F
Hugo ist doof BNR
7 pages
11.11.2004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com