Electronic Components Datasheet Search
  English  ▼

X  

B82498F Datasheet(PDF) 4 Page - EPCOS

Part # B82498F
Description  SMT Inductors, SIMID Series SIMID 0805-F
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F Datasheet(HTML) 4 Page - EPCOS

  B82498F Datasheet HTML 1Page - EPCOS B82498F Datasheet HTML 2Page - EPCOS B82498F Datasheet HTML 3Page - EPCOS B82498F Datasheet HTML 4Page - EPCOS B82498F Datasheet HTML 5Page - EPCOS B82498F Datasheet HTML 6Page - EPCOS B82498F Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
B82498–F****–*–2–7659
Characteristics and ordering codes
LR
Toler–
ance 1)
fL
Qmin
fQ
IR
Rmax
fres,min Ordering code 2)
(
180–mm reel)
nH
MHz
MHz
mA
Ω
MHz
Core material: ceramics
2,7
5,6
6,8
8,2
10%
K
250
250
250
250
50
50
50
50
1500
1000
1000
1000
1000
900
800
700
0.03
0.04
0.05
0.09
9000
7000
6000
5000
B82498F3279+000
B82498F3569+000
B82498F3689+000
B82498F3829+000
10
12
15
2%
G
5%
J
250
250
250
50
50
50
500
500
500
700
700
650
0.09
0.09
1.13
5000
4000
3300
B82498F3100+000
B82498F3120+000
B82498F3150+000
18
22
27
2%
G
5%
J
250
250
250
60
60
60
500
500
500
700
700
700
0.08
0.08
0.09
3300
2500
2500
B82498F3180+000
B82498F3220+000
B82498F3270+000
33
39
47
2%
G
5%
J
250
250
200
65
65
65
500
500
500
600
600
600
0.11
0.12
0.13
2200
2100
2000
B82498F3330+000
B82498F3390+000
B82498F3470+000
56
68
82
2%
G
5%
J
200
200
150
60
60
60
500
500
500
600
500
500
0.14
0.18
0.19
1700
1600
1500
B82498F3560+000
B82498F3680+000
B82498F3820+000
100
120
150
2%
G
5%
J
150
150
100
55
50
45
500
250
250
450
440
400
0.28
0.31
0.42
1350
1250
1150
B82498F3101+000
B82498F3121+000
B82498F3151+000
180
220
270
2%
G
5%
J
100
100
100
45
45
45
250
250
250
340
320
270
0.53
0.70
1.0
1050
950
900
B82498F3181+000
B82498F3221+000
B82498F3271+000
330
390
470
2%
G
5%
J
100
100
50
45
40
30
250
250
100
220
210
190
1.5
1.6
1.9
800
700
650
B82498F3331+000
B82498F3391+000
B82498F3471+000
560
680
820
2%
G
5%
J
25
25
25
23
23
23
50
50
50
230
190
180
1.3
1.7
1.9
400
300
300
B82498F3561+000
B82498F3681+000
B82498F3821+000
1)
intermediate values and closer tolerances upon request
2)
Replace the + by the code letter for the required inductance tolerance.
The information contained in this datasheet describes the
type of component and shall not be considered as guaran-
teed characteristics.
SMT Inductors, SIMID Series
B82498F
SIMID 0805–F
Hugo ist doof BNR
7 pages
11.11.2004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com