Electronic Components Datasheet Search
  English  ▼

X  

TL331IDBVR Datasheet(PDF) 14 Page - Texas Instruments

Part # TL331IDBVR
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331IDBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL331IDBVR Datasheet HTML 10Page - Texas Instruments TL331IDBVR Datasheet HTML 11Page - Texas Instruments TL331IDBVR Datasheet HTML 12Page - Texas Instruments TL331IDBVR Datasheet HTML 13Page - Texas Instruments TL331IDBVR Datasheet HTML 14Page - Texas Instruments TL331IDBVR Datasheet HTML 15Page - Texas Instruments TL331IDBVR Datasheet HTML 16Page - Texas Instruments TL331IDBVR Datasheet HTML 17Page - Texas Instruments TL331IDBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
6 Detailed Description
6.1 Overview
The TL331 family is a single comparator with the ability to operate up to 36V on the supply pin. This standard
device has proven ubiquity and versatility across a wide range of applications. This is due to its very wide supply
voltages range (2V to 36V), low Iq, and fast response.
The open-collector output allows the user to configure the output's logic low voltage (VOL) and can be utilized to
enable the comparator to be used in AND functionality.
The TL331B and TL391B are performance upgrades to standard TL331 using the latest process technologies
allowing for lower offset voltages, lower input bias and supply currents and faster response time over an
extended temperature range. The TL331B can drop-in replace the "I" or "K" versions of TL331. The TL391B is
an alternate pinout for replacing competitive devices.
6.2 Functional Block Diagram
- Input
Q2
Q1
Q3
Q4
Q9
Q10
Q11
Q5
Q6
D1
D2
D3
D4
Q7
Q8
Q12
+ Input
Output
VCC
Internal
Bias
Itail
I1
I2
Q13
Q14
ESD
ESD
VCM
Clamp
Q15
6.3 Feature Description
TL331x family consists of a PNP Darlington pair input, allowing the device to operate with very high gain and fast
response with minimal input bias current. The input Darlington pair creates a limit on the input common mode
voltage capability, allowing TL331x to accurately function from ground to VCC – 1.5V differential input. In later
revisions, a clamp was added around Q3 to mimic the outside-of-input voltage range behavior of the original
classic silicon.
The output consists of an open collector NPN (pull-down or low side) transistor. The output NPN will sink current
when the negative input voltage is higher than the positive input voltage and the offset voltage. The VOL is
resistive and will scale with the output current. Please see the "Output Low Voltage vs. Output Sinking Current"
graphs in Typical Characteristics for VOL values with respect to the output current.
6.4 Device Functional Modes
6.4.1 Voltage Comparison
The TL331x operates solely as a voltage comparator, comparing the differential voltage between the positive
and negative pins and outputting a logic low or high impedance (logic high with pull-up) based on the input
differential polarity.
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com