Electronic Components Datasheet Search
  English  ▼

X  

TL331IDBVR Datasheet(PDF) 16 Page - Texas Instruments

Part # TL331IDBVR
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331IDBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL331IDBVR Datasheet HTML 12Page - Texas Instruments TL331IDBVR Datasheet HTML 13Page - Texas Instruments TL331IDBVR Datasheet HTML 14Page - Texas Instruments TL331IDBVR Datasheet HTML 15Page - Texas Instruments TL331IDBVR Datasheet HTML 16Page - Texas Instruments TL331IDBVR Datasheet HTML 17Page - Texas Instruments TL331IDBVR Datasheet HTML 18Page - Texas Instruments TL331IDBVR Datasheet HTML 19Page - Texas Instruments TL331IDBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
7.2.2.1 Input Voltage Range
When choosing the input voltage range, the input common mode voltage range (VICR) must be taken in to
account. If temperature operation is above or below 25°C the VICR can range from 0V to VCC – 1.5V. This limits
the input voltage range to as high as VCC – 1.5V and as low as 0V. Operation outside of this range can yield
incorrect comparisons.
Below is a list of input voltage situation and their outcomes:
1. When both IN- and IN+ are both within the common mode range:
a. If IN- is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
b. If IN- is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
2. When IN- is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
3. When IN+ is higher than common mode and IN- is within common mode, the output is high impedance and
the output transistor is not conducting
4. When IN- and IN+ are both higher than common mode, please see the Both Inputs Above Input Range
Behavior section of the LM339 Family Application Note (SNOAA35).
7.2.2.2 Minimum Overdrive Voltage
Overdrive Voltage is the differential voltage produced between the positive and negative inputs of the
comparator over the offset voltage (VIO). To make an accurate comparison the Overdrive Voltage (VOD) should
be higher than the input offset voltage (VIO). Overdrive voltage can also determine the response time of the
comparator, with the response time decreasing with increasing overdrive. Figure 7-2 and Figure 7-3 show
positive and negative response times with respect to overdrive voltage.
7.2.2.3 Output and Drive Current
Output current is determined by the load/pull-up resistance and logic/pull-up voltage. The output current
produces a output low voltage (VOL) from the comparator. In which VOL is proportional to the output current.
Use Output Low Voltage vs Output Current (IOL) to determine VOL based on the output current.
The output current can also effect the transient response. More is explained in the next section.
7.2.2.4 Response Time
Response time is a function of input over drive. See Section 7.2.3 for typical response times. The rise and
fall times can be determined by the load capacitance (CL), load/pullup resistance (RPULLUP), and equivalent
collector-emitter resistance (RCE).
• The rise time (τR) is approximately τR ~ RPULLUP × CL
• The fall time (τF) is approximately τF ~ RCE × CL
– RCE can be determined by taking the slope of Output Low Voltage vs Output Current (IOL) in its linear
region at the desired temperature, or by dividing the VOL by Iout
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com