Electronic Components Datasheet Search
  English  ▼

X  

TL331IDBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TL331IDBVR
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331IDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TL331IDBVR Datasheet HTML 1Page - Texas Instruments TL331IDBVR Datasheet HTML 2Page - Texas Instruments TL331IDBVR Datasheet HTML 3Page - Texas Instruments TL331IDBVR Datasheet HTML 4Page - Texas Instruments TL331IDBVR Datasheet HTML 5Page - Texas Instruments TL331IDBVR Datasheet HTML 6Page - Texas Instruments TL331IDBVR Datasheet HTML 7Page - Texas Instruments TL331IDBVR Datasheet HTML 8Page - Texas Instruments TL331IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
5 Specifications
5.1 Absolute Maximum Ratings, TL331 and TL331K
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
0
36
V
VID
Differential input voltage(3)
–36
36
V
VI
Input voltage range (either input)
–0.3
36
V
VO
Output voltage
0
36
V
IO
Output current
0
20
mA
Duration of output short-circuit to ground(4)
Unlimited
IIK
Input current(5)
–50
mA
TJ
Operating virtual junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values, except differential voltages, are with respect to the network ground.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Input current flows thorough parasitic diode to ground and will turn on parasitic transistors that will increase ICC and may cause output
to be incorrect. Normal operation resumes when input current is removed.
5.2 Absolute Maximum Ratings, TL331B and TL391B
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
-0.3
38
V
VID
Differential input voltage(3)
–38
38
V
VI
Input voltage range (either input)
–0.3
38
V
VO
Output voltage
-0.3
38
V
IO
Output current
20
mA
Duration of output short-circuit to ground(4)
Unlimited
IIK
Input current(5)
–50
mA
TJ
Operating virtual junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values, except differential voltages, are with respect to the network ground.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Input current flows thorough parasitic diode to ground and will turn on parasitic transistors that will increase ICC and may cause output
to be incorrect. Normal operation resumes when input current is removed.
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com