Electronic Components Datasheet Search
  English  ▼

X  

LM7809 Datasheet(PDF) 3 Page - Multicomp Pro

Part # LM7809
Description  Linear Voltage Regulator 3 Terminal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

LM7809 Datasheet(HTML) 3 Page - Multicomp Pro

  LM7809 Datasheet HTML 1Page - Multicomp Pro LM7809 Datasheet HTML 2Page - Multicomp Pro LM7809 Datasheet HTML 3Page - Multicomp Pro LM7809 Datasheet HTML 4Page - Multicomp Pro LM7809 Datasheet HTML 5Page - Multicomp Pro LM7809 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page <3>
V1.0
17/07/24
Linear Voltage Regulator
3 Terminal
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Parameter Name
Symbol
Test Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
TJ = 25°C
11.64
12
12.36
V
lOUT= 5mA to 1A, VIN = 14.5 to 27V,
TJ = 0 to 125°C
11.4
12.6
Line regulation
ΔVOUT
VIN = 14.5 to 30V
--
12
240
mV
VIN = 16 to 22V
4
120
Load regulation
ΔVOUT
lout = 5mA to 1.5A
10
240
lout = 250 to 750mA
3
120
Quiescent current
IQ
TJ = 25°C
4
8
mA
Quiescent current change
ΔIQ
lout = 5mA to 1A
0.5
VIN = 14.5 to 30V
1
Output voltage drift
ΔVOUT/ΔT
IOUT = 5mA
-1
--
mV/°C
Output noise voltage
VN
f = 10 to 100kHz
75
μV
Ripple rejection
RR
f = 120Hz, VIN = 15 to 25V
55
71
dB
Dropout voltage(8)
VD
IOUT = 1A
--
2
V
Output resistance
ROUT
f = 1kHz
18
mΩ
Short circuit current
ISC
350
mA
Peak current
IPK
2.2
A
Parameter Name
Symbol
Test Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
TJ = 25°C
14.55
15
15.45
V
lOUT= 5mA to 1A, VIN = 18.5 to 30V,
TJ = 0 to 125°C
14.25
15.75
Line regulation
ΔVOUT
VIN = 17.5 to 30V
--
15
300
mV
VIN = 20 to 26V
5
150
Load regulation
ΔVOUT
lout = 5mA to 1.5A
10
240
lout = 250 to 750mA
3
120
Quiescent current
IQ
TJ = 25°C
4
8
mA
Quiescent current change
ΔIQ
lout = 5mA to 1A
0.5
VIN = 17.5 to 30V
1
Output voltage drift
ΔVOUT/ΔT
IOUT = 5mA
-1
--
mV/°C
Output noise voltage
VN
f = 10 to 100kHz
90
μV
Ripple rejection
RR
f = 120Hz, VIN = 15 to 25V
55
--
dB
Dropout voltage(8)
VD
IOUT = 1A
--
2
V
Output resistance
ROUT
f = 1kHz
19
mΩ
Short circuit current
ISC
350
mA
Peak current
IPK
2.2
A
LM7812 (VIN = 19V, IOUT = 500mA, CIN = 0.33μF, COUT = 0.1μF, TJ = 25°C, unless otherwise specified)
LM7815 (VIN = 19V, IOUT = 500mA, CIN = 0.33μF, COUT = 0.1μF, TJ = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com