Electronic Components Datasheet Search
  English  ▼

X  

LM7809 Datasheet(PDF) 5 Page - Multicomp Pro

Part # LM7809
Description  Linear Voltage Regulator 3 Terminal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

LM7809 Datasheet(HTML) 5 Page - Multicomp Pro

  LM7809 Datasheet HTML 1Page - Multicomp Pro LM7809 Datasheet HTML 2Page - Multicomp Pro LM7809 Datasheet HTML 3Page - Multicomp Pro LM7809 Datasheet HTML 4Page - Multicomp Pro LM7809 Datasheet HTML 5Page - Multicomp Pro LM7809 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page <5>
V1.0
17/07/24
Linear Voltage Regulator
3 Terminal
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
LM7812 (VOUT= 12V,CIN = 0.33µF, COUT = 0.1µF, TJ = 25°C,unless otherwise specified)
DIM.
mm.
A
10 ±0.2
A1
8.2 ±0.3
A2
5 ±0.2
B
13. 3 ±0. 2
C
4.5 ±0.13
C1
1.30-0. 05/+0.1
D
0.8 ±0.10
E
3.6 ±0.1
F
3.6 ±0.1
G
3 ±0. 15
H
6.6 ±0.2
J
15.8 ±0.2
DIM.
mm.
K
3 ±0.2
L
13 ±0.2
M
1.27 ±0.1
N
Tyical 2.54
O
15.9 ±0.2
P
2.4 ±0.2
Q
9.2 ±0.2
S
0.25 ±0.1
T
0. 25 ±0.1
U
2.8 ±0.15
DIA
Φ1.5 ±0.1
Depth:0.05~0.45
Package Outline Dimensions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com