Electronic Components Datasheet Search
  English  ▼

X  

LM7809 Datasheet(PDF) 1 Page - Multicomp Pro

Part # LM7809
Description  Linear Voltage Regulator 3 Terminal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

LM7809 Datasheet(HTML) 1 Page - Multicomp Pro

  LM7809 Datasheet HTML 1Page - Multicomp Pro LM7809 Datasheet HTML 2Page - Multicomp Pro LM7809 Datasheet HTML 3Page - Multicomp Pro LM7809 Datasheet HTML 4Page - Multicomp Pro LM7809 Datasheet HTML 5Page - Multicomp Pro LM7809 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page <1>
V1.0
17/07/24
Linear Voltage Regulator
3 Terminal
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specification
• Output Current
: up to 1.5A at TJ = 25°C
• Available in Fixed
: 5.0V, 6.0V, 8.0V, 9.0V, 12V and 15V
• Output Voltage Tolerance
: ±3% at TJ = 25°C, ±5% over the Operating TJ
• Line Regulation
: 4mV to 12mV (Typ.) at TJ = 25°C
• Load Regulation
: 9mV to 14mV (Typ.) at TJ = 25°C
• Dropout Voltage
: 2V@1A (VOUT = 5.0V)
• Power Supply Rejection Ratio
: >55dB@120Hz (VOUT = 5.0V)
• Operating Junction Temperature : -40°C to 125°C
Features
• Internal Current Limit
• Output Transistor SOA Protection
• Short Circuit Protection
• Thermal Shutdown Protection
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Maximum Input Voltage
VI
35
V
Maximum Power Dissipation
PD
1.53
W
Thermal Resistance, Junction-to-Case
RθJC
5.5
°C/W
Thermal Resistance, Junction-to-Ambient
RθJA
64.3
Electrostatic Discharge
Human body model
VESD-HBM
2000
V
Machine model
VESD-MM
200
Operating Junction Temperature
Topr
-40 to 125
°C
Maximum Junction Temperature
TJ
-55 to 150
Storage Temperature Range
Tstg
-65 to 150
Note : Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.


Similar Part No. - LM7809

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7809 UTC-LM7809 Datasheet
83Kb / 6P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM7809 ETC-LM7809 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7809 FAIRCHILD-LM7809 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7809 FAIRCHILD-LM7809 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7809 FCI-LM7809 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
More results

Similar Description - LM7809

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX Datasheet
228Kb / 17P
3-TERMINAL POSITIVE LINEAR REGULATOR
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com