| Electronic Components Datasheet Search |
|
LPC2917 Datasheet(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2917 Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 86 page ![]() LPC2917_19_01_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 9 December 2009 28 of 86 NXP Semiconductors LPC2917/01; LPC2919/01 ARM9 microcontroller with CAN and LIN The vectored interrupt-controller inputs are active HIGH. 6.11.4.1 Pin description The event router module in the LPC2917/2919/01 is connected to the pins listed below. The pins are combined with other functions on the port pins of the LPC2917/2919/01. Table 14 shows the pins connected to the event router, and also the corresponding bit position in the event-router registers and the default polarity. 6.12 Peripheral subsystem 6.12.1 Peripheral subsystem clock description The peripheral subsystem is clocked by a number of different clocks: • CLK_SYS_PESS • CLK_UART0/1 • CLK_SPI0/1/2 • CLK_TMR0/1/2/3 • CLK_SAFE see Section 6.7.2 6.12.2 Watchdog timer The purpose of the watchdog timer is to reset the ARM9 processor within a reasonable amount of time if the processor enters an error state. The watchdog generates a system reset if the user program fails to trigger it correctly within a predetermined amount of time. Key features: • Internal chip reset if not periodically triggered • Timer counter register runs on always-on safe clock Table 14. Event-router pin connections Symbol Direction Description Default polarity EXTINT 7 - 0 IN external interrupt input 7 - 0 1 CAN0 RXD IN CAN0 receive data input wake-up 0 CAN1 RXD IN CAN1 receive data input wake-up 0 I2C0_SCL IN I2C0 SCL clock input 0 I2C1_SCL IN I2C1 SCL clock input 0 LIN0 RXD IN LIN0 receive data input wake-up 0 LIN1 RXD IN LIN1 receive data input wake-up 0 SPI0 SDI IN SPI0 receive data input 0 SPI1 SDI IN SPI1 receive data input 0 SPI2 SDI IN SPI2 receive data input 0 UART0 RXD IN UART0 receive data input 0 UART1 RXD IN UART1 receive data input 0 - na CAN interrupt (internal) 1 - na VIC FIQ (internal) 1 - na VIC IRQ (internal) 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |