Electronic Components Datasheet Search
  English  ▼

X  

LPC2917 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 4Page - NXP Semiconductors LPC2917 Datasheet HTML 5Page - NXP Semiconductors LPC2917 Datasheet HTML 6Page - NXP Semiconductors LPC2917 Datasheet HTML 7Page - NXP Semiconductors LPC2917 Datasheet HTML 8Page - NXP Semiconductors LPC2917 Datasheet HTML 9Page - NXP Semiconductors LPC2917 Datasheet HTML 10Page - NXP Semiconductors LPC2917 Datasheet HTML 11Page - NXP Semiconductors LPC2917 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
LPC2917_19_01_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 December 2009
8 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
P2[3]/MAT2[3]/
TRAP0/D11
55[1]
GPIO 2, pin 3
TIMER2 MAT3
PWM TRAP0
EXTBUS D11
P1[11]/SCK1/
SCL0/CS3
56[1]
GPIO 1, pin 11
SPI1 SCK
I2C0 SCL
EXTBUS CS3
P1[10]/SDI1/
SDA0/CS2
57[1]
GPIO 1, pin 10
SPI1 SDI
I2C0 SDA
EXTBUS CS2
P3[12]/SCS1[0]/
EI4
58[1]
GPIO 3, pin 12
SPI1 SCS0
EXTINT4
-
VSS(CORE)
59
ground for digital core
VDD(CORE)
60
1.8 V power supply for digital core
P3[13]/SDO1/
EI5/IDX0
61[1]
GPIO 3, pin 13
SPI1 SDO
EXTINT5
QEI0 IDX
P2[4]/MAT1[0]/
EI0/D12
62[1]
GPIO 2, pin 4
TIMER1 MAT0
EXTINT0
EXTBUS D12
P2[5]/MAT1[1]/
EI1/D13
63[1]
GPIO 2, pin 5
TIMER1 MAT1
EXTINT1
EXTBUS D13
P1[9]/SDO1/
RXDL1/CS1
64[1]
GPIO 1, pin 9
SPI1 SDO
LIN1/UART RXD
EXTBUS CS1
VSS(IO)
65
ground for I/O
P1[8]/SCS1[0]/
TXDL1/CS0
66[1]
GPIO 1, pin 8
SPI1 SCS0
LIN1/UART TXD
EXTBUS CS0
P1[7]/SCS1[3]/
RXD1/A7
67[1]
GPIO 1, pin 7
SPI1 SCS3
UART1 RXD
EXTBUS A7
P1[6]/SCS1[2]/
TXD1/A6
68[1]
GPIO 1, pin 6
SPI1 SCS2
UART1 TXD
EXTBUS A6
P2[6]/MAT1[2]/
EI2/D14
69[1]
GPIO 2, pin 6
TIMER1 MAT2
EXTINT2
EXTBUS D14
P1[5]/SCS1[1]/
PMAT3[5]/A5
70[1]
GPIO 1, pin 5
SPI1 SCS1
PWM3 MAT5
EXTBUS A5
P1[4]/SCS2[2]/
PMAT3[4]/A4
71[1]
GPIO 1, pin 4
SPI2 SCS2
PWM3 MAT4
EXTBUS A4
TRST
72[1]
IEEE 1149.1 test reset NOT; active LOW; pulled up internally
RST
73[1]
asynchronous device reset; active LOW; pulled up internally
VSS(OSC)
74
ground for oscillator
XOUT_OSC
75[2]
crystal out for oscillator
XIN_OSC
76[2]
crystal in for oscillator
VDD(OSC)
77
1.8 V supply for oscillator
VSS(PLL)
78
ground for PLL
P2[7]/MAT1[3]/
EI3/D15
79[1]
GPIO 2, pin 7
TIMER1 MAT3
EXTINT3
EXTBUS D15
P3[14]/SDI1/
EI6/TXDC0
80[1]
GPIO 3, pin 14
SPI1 SDI
EXTINT6
CAN0 TXD
P3[15]/SCK1/
EI7/RXDC0
81[1]
GPIO 3, pin 15
SPI1 SCK
EXTINT7
CAN0 RXD
Table 3.
LQFP144 pin assignment …continued
Pin name
Pin
Description
Default function
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com